Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST62T53C Datasheet(PDF) 14 Page - STMicroelectronics

Part # ST62T53C
Description  8-BIT OTP/EPROM MCUs WITH A/D CONVERTER, SAFE RESET, AUTO-RELOAD TIMER, EEPROM AND SPI
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST62T53C Datasheet(HTML) 14 Page - STMicroelectronics

Back Button ST62T53C Datasheet HTML 10Page - STMicroelectronics ST62T53C Datasheet HTML 11Page - STMicroelectronics ST62T53C Datasheet HTML 12Page - STMicroelectronics ST62T53C Datasheet HTML 13Page - STMicroelectronics ST62T53C Datasheet HTML 14Page - STMicroelectronics ST62T53C Datasheet HTML 15Page - STMicroelectronics ST62T53C Datasheet HTML 16Page - STMicroelectronics ST62T53C Datasheet HTML 17Page - STMicroelectronics ST62T53C Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 86 page
background image
14/86
ST62T53C/T60C/T63C ST62E60C
1.4 PROGRAMMING MODES
1.4.1 Option Bytes
The two Option Bytes allow configuration capabili-
ty to the MCUs. Option byte’s content is automati-
cally read, and the selected options enabled, when
the chip reset is activated.
It can only be accessed during the programming
mode. This access is made either automatically
(copy from a master device) or by selecting the
OPTION BYTE PROGRAMMING mode of the pro-
grammer.
The option bytes are located in a non-user map.
No address has to be specified.
EPROM Code Option Byte (LSB)
EPROM Code Option Byte (MSB)
D15-D13. Reserved. Must be cleared.
ADC SYNCHRO
. When set, an A/D conversion is
started upon WAIT instruction execution, in order
to reduce supply noise. When this bit is low, an A/
D conversion is started as soon as the STA bit of
the A/D Converter Control Register is set.
D11. Reserved
, must be set to one.
D10. Reserved
, must be cleared.
NMI PULL.
NMI Pull-Up. This bit must be set high
to configure the NMI pin with a pull-up resistor.
When it is low, no pull-up is provided.
LVD.
LVD RESET enable.When this bit is set, safe
RESET is performed by MCU when the supply
voltage is too low. When this bit is cleared, only
power-on reset or external RESET are active.
PROTECT.
Readout Protection. This bit allows the
protection of the software contents against piracy.
When the bit PROTECT is set high, readout of the
OTP contents is prevented by hardware.. When
this bit is low, the user program can be read.
EXTCNTL.
External STOP MODE control.. When
EXTCNTL is high, STOP mode is available with
watchdog active by setting NMI pin to one. When
EXTCNTL is low, STOP mode is not available with
the watchdog active.
PB2-3 PULL. When set this bit removes pull-up at
reset on PB2-PB3 pins. When cleared PB2-PB3
pins have an internal pull-up resistor at reset.
PB0-1 PULL. When set this bit removes pull-up at
reset on PB0-PB1 pins. When cleared PB0-PB1
pins have an internal pull-up resistor at reset.
WDACT. This bit controls the watchdog activation.
When it is high, hardware activation is selected.
The software activation is selected when WDACT
is low.
DELAY. This bit enables the selection of the delay
internally generated after the internal reset (exter-
nal pin, LVD, or watchdog activated) is released.
When DELAY is low, the delay is 2048 cycles of
the oscillator, it is of 32768 cycles when DELAY is
high.
OSCIL.
Oscillator selection. When this bit is low,
the oscillator must be controlled by a quartz crys-
tal, a ceramic resonator or an external frequency.
When it is high, the oscillator must be controlled by
an RC network, with only the resistor having to be
externally provided.
OSGEN.
Oscillator Safe Guard. This bit must be
set high to enable the Oscillator Safe Guard.
When this bit is low, the OSG is disabled.
The Option byte is written during programming ei-
ther by using the PC menu (PC driven Mode) or
automatically (stand-alone mode).
70
PRO-
TECT
EXTC-
NTL
PB2-3
PULL
PB0-1
PULL
WDACT
DE-
LAY
OSCIL
OSGEN
15
8
--
-
ADC
SYNCHRO
--
NMI
PULL
LVD
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com