Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST62T53C Datasheet(PDF) 70 Page - STMicroelectronics

Part # ST62T53C
Description  8-BIT OTP/EPROM MCUs WITH A/D CONVERTER, SAFE RESET, AUTO-RELOAD TIMER, EEPROM AND SPI
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST62T53C Datasheet(HTML) 70 Page - STMicroelectronics

Back Button ST62T53C Datasheet HTML 66Page - STMicroelectronics ST62T53C Datasheet HTML 67Page - STMicroelectronics ST62T53C Datasheet HTML 68Page - STMicroelectronics ST62T53C Datasheet HTML 69Page - STMicroelectronics ST62T53C Datasheet HTML 70Page - STMicroelectronics ST62T53C Datasheet HTML 71Page - STMicroelectronics ST62T53C Datasheet HTML 72Page - STMicroelectronics ST62T53C Datasheet HTML 73Page - STMicroelectronics ST62T53C Datasheet HTML 74Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 86 page
background image
70/86
ST62T53C/T60C/T63C ST62E60C
Figure 37. Vol versus Iol on all I/O port at Vdd=5V
Figure 38. Vol versus Iol on all I/O port at T=25
°C
Figure 39. Vol versus Iol for High sink (30mA) I/Oports at T=25
°C
010
20
30
40
0
2
4
6
8
Iol (mA)
T= -40
°C
T= 25
°C
T= 95
°C
T = 125
°C
This curves represents typical variations and is given for guidance only
010
20
30
40
0
2
4
6
8
Iol (mA)
Vdd = 3.0V
Vdd = 4.0V
Vdd = 5.0V
Vdd = 6.0V
This curves represents typical variations and is given for guidance only
0
10
203040
0
1
2
3
4
5
Iol (mA)
Vdd = 3.0V
Vdd = 4.0V
Vdd = 5.0V
Vdd = 6.0V
This curves represents typical variations and is given for guidance only
70



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com