Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST62T53C Datasheet(PDF) 11 Page - STMicroelectronics

Part # ST62T53C
Description  8-BIT OTP/EPROM MCUs WITH A/D CONVERTER, SAFE RESET, AUTO-RELOAD TIMER, EEPROM AND SPI
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST62T53C Datasheet(HTML) 11 Page - STMicroelectronics

Back Button ST62T53C Datasheet HTML 7Page - STMicroelectronics ST62T53C Datasheet HTML 8Page - STMicroelectronics ST62T53C Datasheet HTML 9Page - STMicroelectronics ST62T53C Datasheet HTML 10Page - STMicroelectronics ST62T53C Datasheet HTML 11Page - STMicroelectronics ST62T53C Datasheet HTML 12Page - STMicroelectronics ST62T53C Datasheet HTML 13Page - STMicroelectronics ST62T53C Datasheet HTML 14Page - STMicroelectronics ST62T53C Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 86 page
background image
11/86
ST62T53C/T60C/T63C ST62E60C
MEMORY MAP (Cont’d)
1.3.6
Data
RAM/EEPROM
Bank
Register
(DRBR)
Address: E8h
—
Write only
Bit 7-5 = These bits are not used
Bit 4 - DRBR4. This bit, when set, selects RAM
Page 2.
Bit 3-2 - Reserved. These bits are not used.
Bit 1 - DRBR1. This bit, when set, selects
EEPROM Page 1, when available.
Bit 0 - DRBR0. This bit, when set, selects
EEPROM Page 0, when available.
The selection of the bank is made by programming
the Data RAM Bank Switch register (DRBR regis-
ter) located at address E8h of the Data Space ac-
cording to Table 1. No more than one bank should
be set at a time.
The DRBR register can be addressed like a RAM
Data Space at the address E8h; nevertheless it is
a write only register that cannot be accessed with
single-bit operations. This register is used to select
the desired 64-byte RAM/EEPROM bank of the
Data Space. The bank number has to be loaded in
the DRBR register and the instruction has to point
to the selected location as if it was in bank 0 (from
00h address to 3Fh address).
This register is not cleared during the MCU initiali-
zation, therefore it must be written before the first
access to the Data Space bank region. Refer to
the Data Space description for additional informa-
tion. The DRBR register is not modified when an
interrupt or a subroutine occurs.
Notes :
Care is required when handling the DRBR register
as it is write only. For this reason, it is not allowed
to change the DRBR contents while executing in-
terrupt service routine, as the service routine can-
not save and then restore its previous content. If it
is impossible to avoid the writing of this register in
interrupt service routine, an image of this register
must be saved in a RAM location, and each time
the program writes to DRBR it must write also to
the image register. The image register must be
written first, so if an interrupt occurs between the
two instructions the DRBR is not affected.
In DRBR Register, only 1 bit must be set. Other-
wise two or more pages are enabled in parallel,
producing errors.
Care must also be taken not to change the
E PROM page (when available) when the parallel
writing mode is set for the E PROM, as defined in
EECTL register.
Table 3. Data RAM Bank Register Set-up
70
--
-
DRBR
4
--
DRBR
1
DRBR
0
DRBR
ST62T53C
ST62T60C/E60C
ST62T63C
00
None
None
None
01
Not Available
EEPROM Page 0
EEPROM Page 0
02
Not Available
EEPROM Page 1
Not Available
08
Not Available
Not Available
Not Available
10h
RAM Page 2
RAM Page 2
RAM Page 2
other
Reserved
Reserved
Reserved
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com