Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST62T53C Datasheet(PDF) 21 Page - STMicroelectronics

Part # ST62T53C
Description  8-BIT OTP/EPROM MCUs WITH A/D CONVERTER, SAFE RESET, AUTO-RELOAD TIMER, EEPROM AND SPI
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST62T53C Datasheet(HTML) 21 Page - STMicroelectronics

Back Button ST62T53C Datasheet HTML 17Page - STMicroelectronics ST62T53C Datasheet HTML 18Page - STMicroelectronics ST62T53C Datasheet HTML 19Page - STMicroelectronics ST62T53C Datasheet HTML 20Page - STMicroelectronics ST62T53C Datasheet HTML 21Page - STMicroelectronics ST62T53C Datasheet HTML 22Page - STMicroelectronics ST62T53C Datasheet HTML 23Page - STMicroelectronics ST62T53C Datasheet HTML 24Page - STMicroelectronics ST62T53C Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 86 page
background image
21/86
ST62T53C/T60C/T63C ST62E60C
CLOCK SYSTEM (Cont’d)
Oscillator Control Registers
Address: DCh
Write only
Reset State: 00h
Bit 7-4. These bits are not used.
Bit 3. Reserved. Cleared at Reset. Must be kept
cleared.
Bit 2. Reserved. Must be kept low.
RS1-RS0. These bits select the division ratio of
the Oscillator Divider in order to generate the inter-
nal frequency. The following selctions are availa-
ble:
Note: Care is required when handling the OSCR
register as some bits are write only. For this rea-
son, it is not allowed to change the OSCR contents
while executing interrupt service routine, as the
service routine cannot save and then restore its
previous content. If it is impossible to avoid the
writing of this register in interrupt service routine,
an image of this register must be saved in a RAM
location, and each time the program writes to
OSCR it must write also to the image register. The
image register must be written first, so if an inter-
rupt occurs between the two instructions the
OSCR is not affected.
70
-
---
OSCR
3
-
RS1
RS0
RS1
RS0
Division Ratio
0
0
1
1
0
1
0
1
1
2
4
4
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com