Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7SCR1R4 Datasheet(PDF) 63 Page - STMicroelectronics

Part # ST7SCR1R4
Description  8-BIT LOW-POWER, FULL-SPEED USB MCU WITH 16K FLASH, 768 RAM, SMARTCARD I/F, TIMER
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7SCR1R4 Datasheet(HTML) 63 Page - STMicroelectronics

Back Button ST7SCR1R4 Datasheet HTML 59Page - STMicroelectronics ST7SCR1R4 Datasheet HTML 60Page - STMicroelectronics ST7SCR1R4 Datasheet HTML 61Page - STMicroelectronics ST7SCR1R4 Datasheet HTML 62Page - STMicroelectronics ST7SCR1R4 Datasheet HTML 63Page - STMicroelectronics ST7SCR1R4 Datasheet HTML 64Page - STMicroelectronics ST7SCR1R4 Datasheet HTML 65Page - STMicroelectronics ST7SCR1R4 Datasheet HTML 66Page - STMicroelectronics ST7SCR1R4 Datasheet HTML 67Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 102 page
background image
ST7SCR
63/102
SMARTCARD INTERFACE (Cont’d)
SMARTCARD INTERFACE STATUS REGISTER
(CRDSR)
Read only (Read/Write on some bits)
Reset Value: 1000 0000 (80h)
Bit 7 =TxBEF
Transmit Buffer Empty Flag.
- Read only
0: Transmit buffer is not empty
1: Transmit buffer is empty
Bit 6 = CRDIRF
Card Insertion/Removal Flag.
- Read only
0: No card is present
1: A card is present
Bit 5 = IOVF
Card Overload Current Flag.
- Read only
0: No card overload current
1: Card overload current
Bit 4 = VCARDOK
Card voltage status Flag.
- Read only
0: The card voltage is not in the specified range
1: The card voltage is within the specified range
Bit 3 = WTF
Waiting Time Counter overflow Flag.
- Read only
0: The WT Counter has not reached its maximum
value
1: The WT Counter has reached its maximum val-
ue
Bit 2 = TXCF
Transmitted character Flag.
- Read/Write
This bit is set by hardware and cleared by soft-
ware.
0: No character transmitted
1: A character has been transmitted
Bit 1 = RXCF
Received character Flag.
- Read only
This bit is set by hardware and cleared by hard-
ware when the CRDRXB buffer is read.
0: No character received
1: A character has been received
Bit 0 = PARF
Parity Error Flag.
- Read/Write
This bit is set by hardware and cleared by soft-
ware.
0: No parity error
1: Parity error
Note: When a character is received, the RXCF bit
is always set.When a character is received with a
parity error, the PARF bit is also set.
70
TXBE
F
CRD
IRF
IOVF
VCARD
OK
WTF
TXC
F
RXC
F
PAR
F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com