Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7SCR1R4 Datasheet(PDF) 100 Page - STMicroelectronics

Part # ST7SCR1R4
Description  8-BIT LOW-POWER, FULL-SPEED USB MCU WITH 16K FLASH, 768 RAM, SMARTCARD I/F, TIMER
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7SCR1R4 Datasheet(HTML) 100 Page - STMicroelectronics

Back Button ST7SCR1R4 Datasheet HTML 94Page - STMicroelectronics ST7SCR1R4 Datasheet HTML 95Page - STMicroelectronics ST7SCR1R4 Datasheet HTML 96Page - STMicroelectronics ST7SCR1R4 Datasheet HTML 97Page - STMicroelectronics ST7SCR1R4 Datasheet HTML 98Page - STMicroelectronics ST7SCR1R4 Datasheet HTML 99Page - STMicroelectronics ST7SCR1R4 Datasheet HTML 100Page - STMicroelectronics ST7SCR1R4 Datasheet HTML 101Page - STMicroelectronics ST7SCR1R4 Datasheet HTML 102Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 100 / 102 page
background image
ERRATA SHEET
100/102
This limitation will be corrected in the next silicon revision. In the new revision, when a SETUP
token is received, the value loaded in the internal counter is fixed to 8 by hardware independ-
ently of the value in the CNT0RXR register.
20.3 USB BUFFER SHARED MEMORY ACCESS
Description
When fCPU is at 4 MHz, a value written in the USB buffer may be corrupted when VDD is less
than 4.4V. This limitation will be corrected in the next silicon revision.
Impact
USB buffer access cannot be guaranteed over the full VDD range when fCPU is at 4 MHz.
20.4 WDG (WATCHDOG) LIMITATIONS
In flash devices, the WDG prescaler value is not 65536 as described in Section 12.1.3 on
page 40 (Figure 25), it is actually 16.
This will be corrected in the next revision of the silicon.
20.5 SUPPLY CURRENT IN HALT MODE (SUSPEND) LIMITATIONS
The current consumption (IDD) in some devices may exceed the maximum specified in the
documentation (up to 1mA).
Workaround
Declare 200mA max. power value in the USB Configuration Descriptor.
20.5.1 VPP Pin Limitation
In the impacted flash devices, contrary to the datasheet specification (which specifies that it
must be tied to VSS), the VPP pin must be tied to VDD in operating mode. This will be fixed in
the next silicon revision .
20.6 START-UP
The ST7SCR relies on internal LVD and it may not start-up correctly if the power supply is
slow.
Workaround
Put a 1M
Ω resistor between V
DD and VSS to eliminate the offset on VDD that may cause this
power-on problem.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com