Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7SCR1R4 Datasheet(PDF) 22 Page - STMicroelectronics

Part # ST7SCR1R4
Description  8-BIT LOW-POWER, FULL-SPEED USB MCU WITH 16K FLASH, 768 RAM, SMARTCARD I/F, TIMER
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7SCR1R4 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button ST7SCR1R4 Datasheet HTML 18Page - STMicroelectronics ST7SCR1R4 Datasheet HTML 19Page - STMicroelectronics ST7SCR1R4 Datasheet HTML 20Page - STMicroelectronics ST7SCR1R4 Datasheet HTML 21Page - STMicroelectronics ST7SCR1R4 Datasheet HTML 22Page - STMicroelectronics ST7SCR1R4 Datasheet HTML 23Page - STMicroelectronics ST7SCR1R4 Datasheet HTML 24Page - STMicroelectronics ST7SCR1R4 Datasheet HTML 25Page - STMicroelectronics ST7SCR1R4 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 102 page
background image
ST7SCR
22/102
6.2 RESET SEQUENCE MANAGER (RSM)
6.2.1 Introduction
The reset sequence manager has two reset sourc-
es:
s
Internal LVD reset (Low Voltage Detection)
which includes both a power-on and a voltage
drop reset
s
Internal watchdog reset generated by an
internal watchdog counter underflow as shown
in Figure 14.
6.2.2 Functional Description
The reset service routine vector is fixed at ad-
dresses FFFEh-FFFFh in the ST7 memory map.
The basic reset sequence consists of 3 phases as
shown in Figure 13:
s
A first delay of 30µs + 127 tCPU cycles during
which the internal reset is maintained.
s
A second delay of 512 tCPU cycles after the
internal reset is generated. It allows the
oscillator to stabilize and ensures that recovery
has taken place from the Reset state.
s
Reset vector fetch (duration: 2 clock cycles)
Low Voltage Detector
The low voltage detector generates a reset when
VDD<VIT+ (rising edge) or VDD<VIT- (falling edge),
as shown in Figure 13.
The LVD filters spikes on VDD larger than tg(VDD) to
avoid parasitic resets. See “SUPPLY AND RESET
CHARACTERISTICS” on page 79.
Figure 13. LVD RESET Sequence
Figure 14. Watchdog RESET Sequence
DELAY 1
RUN
LVD
RESET
FETCH VECTOR (2 tCPU)
DELAY 2
LVD
RESET
INTERNAL
RESET
DELAY 1 = 30µs + 127 tCPU
DELAY 2 = 512 tCPU
VDD
VIT+
VIT-
WATCHDOG
WATCHDOG UNDERFLOW
RESET
FETCH VECTOR (2 tCPU)
DELAY 1
WATCHDOG
RESET
DELAY 2
DELAY 1 = 30µs + 127 tCPU
DELAY 2 = 512 tCPU
RUN
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com