Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7SCR1R4 Datasheet(PDF) 77 Page - STMicroelectronics

Part # ST7SCR1R4
Description  8-BIT LOW-POWER, FULL-SPEED USB MCU WITH 16K FLASH, 768 RAM, SMARTCARD I/F, TIMER
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7SCR1R4 Datasheet(HTML) 77 Page - STMicroelectronics

Back Button ST7SCR1R4 Datasheet HTML 73Page - STMicroelectronics ST7SCR1R4 Datasheet HTML 74Page - STMicroelectronics ST7SCR1R4 Datasheet HTML 75Page - STMicroelectronics ST7SCR1R4 Datasheet HTML 76Page - STMicroelectronics ST7SCR1R4 Datasheet HTML 77Page - STMicroelectronics ST7SCR1R4 Datasheet HTML 78Page - STMicroelectronics ST7SCR1R4 Datasheet HTML 79Page - STMicroelectronics ST7SCR1R4 Datasheet HTML 80Page - STMicroelectronics ST7SCR1R4 Datasheet HTML 81Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 102 page
background image
ST7SCR
77/102
14.2 RECOMMENDED OPERATING CONDITIONS
(Operating conditions TA = 0 to +70°C unless otherwise specified)
Note 1: Positive injection
The IINJ+ is done through protection diodes insulated from the substrate of the die.
Note 2: For SmartCard I/Os, VCARD has to be considered.
Note 3: Negative injection
– The IINJ- is done through protection diodes NOT INSULATED from the substrate of the die. The draw-
back is a small leakage (few µA) induced inside the die when a negative injection is performed. This leak-
age is tolerated by the digital structure, but it acts on the analog line according to the impedance versus
a leakage current of few µA (if the MCU has an AD converter). The effect depends on the pin which is
submitted to the injection. Of course, external digital signals applied to the component must have a max-
imum impedance close to 50K
Ω.
Location of the negative current injection:
– Pure digital pins can tolerate 1.6mA. In addition, the best choice is to inject the current as far as possible
from the analog input pins.
General Note: When several inputs are submitted to a current injection, the maximum IINJ is the sum of
the positive (resp. negative) currrents (instantaneous values).
GENERAL
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDD
Supply voltage
4.0
5.5
V
fOSC
External clock source
4
MHz
TA
Ambient temperature range
0
70
°C
CURRENT INJECTION ON I/O PORT AND CONTROL PINS
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
IINJ+
Total positive injected current (1)
VEXTERNAL > VDD
(Standard I/Os)
VEXTERNAL > VSC_PWR
(Smartcard I/Os)
20
mA
IINJ-
Total negative injected current (2,3)
VEXTERNAL < VSS
Digital pins
Analog pins
20
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com