Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7SCR1R4 Datasheet(PDF) 92 Page - STMicroelectronics

Part # ST7SCR1R4
Description  8-BIT LOW-POWER, FULL-SPEED USB MCU WITH 16K FLASH, 768 RAM, SMARTCARD I/F, TIMER
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7SCR1R4 Datasheet(HTML) 92 Page - STMicroelectronics

Back Button ST7SCR1R4 Datasheet HTML 88Page - STMicroelectronics ST7SCR1R4 Datasheet HTML 89Page - STMicroelectronics ST7SCR1R4 Datasheet HTML 90Page - STMicroelectronics ST7SCR1R4 Datasheet HTML 91Page - STMicroelectronics ST7SCR1R4 Datasheet HTML 92Page - STMicroelectronics ST7SCR1R4 Datasheet HTML 93Page - STMicroelectronics ST7SCR1R4 Datasheet HTML 94Page - STMicroelectronics ST7SCR1R4 Datasheet HTML 95Page - STMicroelectronics ST7SCR1R4 Datasheet HTML 96Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 102 page
background image
ST7SCR
92/102
16 DEVICE CONFIGURATION AND ORDERING INFORMATION
Each device is available for production in ROM
versions and in user programmable versions (High
Density FLASH).
FLASH devices are shipped to customers with a
default content (FFh).
This implies that FLASH devices have to be con-
figured by the customer using the Option Byte
while the ROM devices are factory-configured.
16.0.1 Option Bytes
The 8 option bits from the flash are programmed
through the static option byte SOB1. The descrip-
tion of each of these 8 bits is given below.
Static option Byte (SOB1)
OPT7:6 = Reserved
OPT5= WDGSW
Hardware or software watchdog
This option bit selects the watchdog type.
0: Hardware (watchdog always activated)
1: Software (watchdog to be activated by software)
OPT4 = NEST
Interrupt Controller
This bit enables the nested Interrupt Controller.
0: Nested interrupt controller disabled
1: Nested interrupt controller enabled
OPT3 = ISOCLK
Clock source selection
0: Card clock is generated by the divider (48MHz/
12 = 4MHz).
1: Card clock is generated by the oscillator.
OPT2 = RETRY
Number of Retries for UART ISO
0: In case of an erroneous transfer, character is
transmitted 4 times.
1: In case of an erroneous transfer, character is
transmitted 5 times.
OPT1 = Reserved, must be kept at 1.
OPT0 = FMP_R
Flash memory read-out protec-
tion
This option indicates if the user flash memory is
protected against read-out piracy. This protection
is based on read and a write protection of the
memory in test modes and ICP mode. Erasing the
option bytes when the FMP_R option is selected
induce the whole user memory erasing first.
0 : read-out protection enabled
1 : read-out protection disabled
OPT
76
54321
OPT
0
--
--
WDG-
SW
NEST ISOCLK RETRY
-
FMP_R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com