Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7SCR1R4 Datasheet(PDF) 67 Page - STMicroelectronics

Part # ST7SCR1R4
Description  8-BIT LOW-POWER, FULL-SPEED USB MCU WITH 16K FLASH, 768 RAM, SMARTCARD I/F, TIMER
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7SCR1R4 Datasheet(HTML) 67 Page - STMicroelectronics

Back Button ST7SCR1R4 Datasheet HTML 63Page - STMicroelectronics ST7SCR1R4 Datasheet HTML 64Page - STMicroelectronics ST7SCR1R4 Datasheet HTML 65Page - STMicroelectronics ST7SCR1R4 Datasheet HTML 66Page - STMicroelectronics ST7SCR1R4 Datasheet HTML 67Page - STMicroelectronics ST7SCR1R4 Datasheet HTML 68Page - STMicroelectronics ST7SCR1R4 Datasheet HTML 69Page - STMicroelectronics ST7SCR1R4 Datasheet HTML 70Page - STMicroelectronics ST7SCR1R4 Datasheet HTML 71Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 102 page
background image
ST7SCR
67/102
SMARTCARD INTERFACE (Cont’d)
SMARTCARD INTERRUPT ENABLE REGISTER
(CRDIER)
Read/Write
Reset Value: 0000 0000 (00h)
Bit 7 = TXBEM
Transmit buffer empty interrupt
mask.
This bit is set and cleared by software to enable or
disable the TXBE interrupt.
0: TXBE interrupt disabled
1: TXBE interrupt enabled
Bit 6 = Reserved.
Bit 5 = IOVFM
Card Overload Current Interrupt
Mask.
This bit is set and cleared by software to enable or
disable the IOVF interrupt.
0: IOVF interrupt disabled
1: IOVF interrupt enabled
Bit 4= VCRDM
Card Voltage Error Interrupt Mask.
This bit is set and cleared by software to enable or
disable the VCRD interrupt.
0: VCRD interrupt disabled
1: VCRD interrupt enabled
Bit 3 = WTM
Waiting Timer Interrupt Mask.
This bit is set and cleared by software to enable or
disable the Waiting Timer overflow interrupt.
0: WT interrupt disabled
1: WT interrupt enabled
Bit 2 =TXCM
Transmitted Character Interrupt
Mask
This bit is set and cleared by software to enable or
disable the TXC interrupt.
0: TXC interrupt disabled
1: TXC interrupt enabled
Bit 1 =RXCM
Received Character Interrupt Mask
This bit is set and cleared by software to enable or
disable the RXC interrupt.
0: RXC interrupt disabled
1: RXC interrupt enabled
Bit 0 = PARM
Parity Error Interrupt. Mask
This bit is set and cleared by software to enable or
disable the parity error interrupt for parity error.
0: PAR interrupt disabled
1: PAR error interrupt enabled
70
TXBE
M
-IOVF
M
VCRDM
WTM
TXC
M
RXC
M
PAR
M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com