Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7SCR1R4 Datasheet(PDF) 93 Page - STMicroelectronics

Part # ST7SCR1R4
Description  8-BIT LOW-POWER, FULL-SPEED USB MCU WITH 16K FLASH, 768 RAM, SMARTCARD I/F, TIMER
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7SCR1R4 Datasheet(HTML) 93 Page - STMicroelectronics

Back Button ST7SCR1R4 Datasheet HTML 89Page - STMicroelectronics ST7SCR1R4 Datasheet HTML 90Page - STMicroelectronics ST7SCR1R4 Datasheet HTML 91Page - STMicroelectronics ST7SCR1R4 Datasheet HTML 92Page - STMicroelectronics ST7SCR1R4 Datasheet HTML 93Page - STMicroelectronics ST7SCR1R4 Datasheet HTML 94Page - STMicroelectronics ST7SCR1R4 Datasheet HTML 95Page - STMicroelectronics ST7SCR1R4 Datasheet HTML 96Page - STMicroelectronics ST7SCR1R4 Datasheet HTML 97Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 102 page
background image
ST7SCR
93/102
16.1 DEVICE ORDERING INFORMATION AND TRANSFER OF CUSTOMER CODE
Customer code is made up of the ROM contents
and the list of the selected options (if any). The
ROM contents are to be sent on diskette, or by
electronic means, with the hexadecimal file in .S19
format generated by the development tool. All un-
used bytes must be set to FFh.
The selected options are communicated to STMi-
croelectronics using the correctly completed OP-
TION LIST appended. See page 94.
The STMicroelectronics Sales Organization will be
pleased to provide detailed information on con-
tractual points.
Figure 50. Sales Type Coding Rules
Table 23. Ordering Information
Note 1. /xxx stands for the ROM or FASTROM-
code name assigned by STMicroelectronics.
ST7
F SCR1
R 4B 1/xxx
Family
Version Code
Sub family
Number of pins
ROM Size Code
Package Type
Temperature Code
ROM Code (three letters)
1 = Standard (0 to +70°C)
T = TQFP
4 = 16K R = 64 pins
No letter = ROM
M = Plastic SO
x = 24pins
F = Flash
P = FASTROM
Sales Type 1)
Program
Memory (bytes)
RAM
(bytes)
Package
ST7SCR1R4T1/xxx
16K ROM
768
TQFP64
ST7PSCR1R4T1/xxx
16K FASTROM
ST7FSCR1R4T1
16K Flash
ST7SCR1E4M1/xxx
16K ROM
SO24
ST7PSCR1E4M1/xxx 16K FASTROM
ST7FSCR1E4M1
16K Flash



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com