Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7SCR1R4 Datasheet(PDF) 60 Page - STMicroelectronics

Part # ST7SCR1R4
Description  8-BIT LOW-POWER, FULL-SPEED USB MCU WITH 16K FLASH, 768 RAM, SMARTCARD I/F, TIMER
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7SCR1R4 Datasheet(HTML) 60 Page - STMicroelectronics

Back Button ST7SCR1R4 Datasheet HTML 56Page - STMicroelectronics ST7SCR1R4 Datasheet HTML 57Page - STMicroelectronics ST7SCR1R4 Datasheet HTML 58Page - STMicroelectronics ST7SCR1R4 Datasheet HTML 59Page - STMicroelectronics ST7SCR1R4 Datasheet HTML 60Page - STMicroelectronics ST7SCR1R4 Datasheet HTML 61Page - STMicroelectronics ST7SCR1R4 Datasheet HTML 62Page - STMicroelectronics ST7SCR1R4 Datasheet HTML 63Page - STMicroelectronics ST7SCR1R4 Datasheet HTML 64Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 102 page
background image
ST7SCR
60/102
SMARTCARD INTERFACE (Cont’d)
12.4.3.6 Card Deactivation Sequence
This sequence can be activated in two different
ways:
– Automatically as soon as the card presence de-
tector detects a card removal (via the CRDIRF bit
in the CRDSR register, refer to Section 12.4.3.5).
– By software, writing the CRDVCC bit in the CRD-
CR register, for example:
– If there is a smartcard current overflow (i.e.
when the IOVFF bit in the CRDSR register is
set)
– If the voltage is not within the specified range
(i.e. when the VCARDOK bit in the CRDSR
register is cleared), but software must clear
the CRDVCC bit in the CRDCCR register to
start the deactivation sequence.
When the CRDVCC bit is cleared, this starts the
deactivation
sequence.
CRDCLK,
CRDIO,
CRDC4 and CRDC8 pins are then deactivated as
shown in Figure 33:
Figure 33. Card deactivation sequence
Figure 34. Card voltage selection and power OFF block diagram
CRDVCC pin
CRDRST pin
CRDCLK pin
CRDIO pin
CRDC4 pin
CRDC8 pin
8 CPU Clk cycles
CRDVCC
CRD
CRDCCR
BLOCK
0
7
VCC
CRDCR
0
7
IRF
CRDSR
0
7
CRD
VCARD
1
POWER OFF
IOVF
OK
CRDIER
0
7
CRDIPR
0
7
IOVP VCRD
SMARTCARD
POWER SUPPLY
BLOCK
5V
VCARDOK Interrupt Request
IOVF Interrupt Request
2
2
Card voltage selection
2
IOVM VCRD
P
M
VCARD
0
VCARD
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com