Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7SCR1R4 Datasheet(PDF) 55 Page - STMicroelectronics

Part # ST7SCR1R4
Description  8-BIT LOW-POWER, FULL-SPEED USB MCU WITH 16K FLASH, 768 RAM, SMARTCARD I/F, TIMER
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7SCR1R4 Datasheet(HTML) 55 Page - STMicroelectronics

Back Button ST7SCR1R4 Datasheet HTML 51Page - STMicroelectronics ST7SCR1R4 Datasheet HTML 52Page - STMicroelectronics ST7SCR1R4 Datasheet HTML 53Page - STMicroelectronics ST7SCR1R4 Datasheet HTML 54Page - STMicroelectronics ST7SCR1R4 Datasheet HTML 55Page - STMicroelectronics ST7SCR1R4 Datasheet HTML 56Page - STMicroelectronics ST7SCR1R4 Datasheet HTML 57Page - STMicroelectronics ST7SCR1R4 Datasheet HTML 58Page - STMicroelectronics ST7SCR1R4 Datasheet HTML 59Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 102 page
background image
ST7SCR
55/102
12.4 SMARTCARD INTERFACE (CRD)
12.4.1 Introduction
The Smartcard Interface (CRD) provides all the re-
quired signals for acting as a smartcard interface
device.
The interface is electrically compatible with (and
certifiable to) the ISO7816, EMV, GSM and WHQL
standards.
Both synchronous (e.g. memory cards) and asyn-
chronous smartcards (e.g. microprocessor cards)
are supported.
The CRD generates the required voltages to be
applied to the smartcard lines.
The power-off sequence is managed by the CRD.
Card insertion or card removal is detected by the
CRD using a card presence switch connected to
the external CRDDET pin. If a card is removed, the
CRD automatically deactivates the smartcard us-
ing the ISO7816 deactivation sequence.
An maskable interrupt is generated when a card is
inserted or removed.
Any malfunction is reported to the microcontroller
via the Smartcard Interrupt Pending Register
(CRDIPR) and Smartcard Status (CRDSR) Regis-
ters.
12.4.2 Main features
s
Support for ISO 7816-3 standard
s
Character mode
s
1 transmit buffer and 1 receive buffer
s
4-Mhz fixed card clock
s
11-bit etu (elementary time unit) counter
s
9-bit guardtime counter
s
24-bit general purpose waiting time counter
s
Parity generation and checking
s
Automatic character repetition on parity error
detection in transmission mode
s
Automatic retry on parity error detection in
reception mode
s
Card
power-off
deactivation
sequence
generation
s
Manual mode for driving the card I/O directly for
synchronous protocols
12.4.3 Functional Description
Figure 29 gives an overview of the smartcard inter-
face.
Figure 29. Smartcard Interface Block Diagram
CLK
SEL
CRD
CLK
CRDCCR
IO
CRD
CRD CRD
RST VCC
C8
CRD
C4
CRD
CRDIO
CRDC4
CRDC8
CRDRST
CRDCLK
CRDDET
0
1
UART SHIFT REGISTER
CRDRXB
CRDTXB
UART RECEIVE BUFFER
UART TRANSMIT BUFFER
CARD DETECTION
CARD INSERTION/
CRDVCC
POWER-OFF LOGIC
CLOCK
CONTROL
UART BIT
11-BIT
4 MHz
ETU COUNTER
9-BIT GUARDTIME COUNTER
24-BIT WAITING TIME COUNTER
PARITY GENERATION/CHECKING
COMMUNICATIONS CONTROL
CRD INTERRUPT
LOGIC
REMOVAL INTERRUPT
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com