Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7SCR1R4 Datasheet(PDF) 82 Page - STMicroelectronics

Part # ST7SCR1R4
Description  8-BIT LOW-POWER, FULL-SPEED USB MCU WITH 16K FLASH, 768 RAM, SMARTCARD I/F, TIMER
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7SCR1R4 Datasheet(HTML) 82 Page - STMicroelectronics

Back Button ST7SCR1R4 Datasheet HTML 78Page - STMicroelectronics ST7SCR1R4 Datasheet HTML 79Page - STMicroelectronics ST7SCR1R4 Datasheet HTML 80Page - STMicroelectronics ST7SCR1R4 Datasheet HTML 81Page - STMicroelectronics ST7SCR1R4 Datasheet HTML 82Page - STMicroelectronics ST7SCR1R4 Datasheet HTML 83Page - STMicroelectronics ST7SCR1R4 Datasheet HTML 84Page - STMicroelectronics ST7SCR1R4 Datasheet HTML 85Page - STMicroelectronics ST7SCR1R4 Datasheet HTML 86Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 102 page
background image
ST7SCR
82/102
14.5 MEMORY CHARACTERISTICS
Subject to general operating conditions for VDD, fOSC, and TA unless otherwise specified.
14.5.1 RAM and Hardware Registers
14.5.2 FLASH Memory
Operating Conditions: fCPU = 8 MHz.
Warning: Do not connect 12V to VPP before VDD is powered on, as this may damage the device.
14.6 SMARTCARD SUPPLY SUPERVISOR ELECTRICAL CHARACTERISTICS
(TA = 0... +70
oC, 4.0 < V
DD - VSS < 5.5V unless otherwise specified)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VRM
Data retention mode 1)
HALT mode (or RESET)
2
V
DUAL VOLTAGE FLASH MEMORY
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fCPU
Operating Frequency
Read mode
8
MHz
Write / Erase mode,
TA=25°C
8
VPP
Programming Voltage
4.0V <= VDD <= 5.5V
11.4
12.6
V
IPP
VPP Current
Write / Erase
30
mA
tPROG
Byte Programming Time
TA=25°C
100
500
µs
tERASE
Sector Erasing Time
2
10
sec
Device Erasing Time
5
10
tVPP
Internal VPP Stabilization Time
10
µs
tRET
Data Retention
TA ≤ 55°C
20
years
NRW
Write Erase Cycles
TA=25°C
100
cycles
SMARTCARD SUPPLY SUPERVISOR
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
5V regulator output (for IEC7816-3 Class A Cards)
VCARD
SmartCard Power Supply Voltage
4.6
5.00
5.4
V
ISC
SmartCard Supply Current
55
mA
IOVDET
Current Overload Detection
120 1)
mA
tIDET
Detection time on Current Overload
170 1)
1400 1)
µs
tOFF
VCARD Turn off Time (see Figure 35 on
page 61)
CLOADmax ≤ 4.7uF
750
µs
tON
VCARD Turn on Time (see Figure 35 on
page 61)
CLOADmax ≤ 4.7uF
150
500
µs
IVDD
VDD supply current
See note
100
mA
3V regulator output (for IEC7816-3 Class B Cards)
VCARD
SmartCard Power Supply Voltage
2.7
3.3
V
ISC
SmartCard Supply Current
50
mA
IOVDET
Current Overload Detection
100 1)
mA
tIDET
Detection time on Current Overload
170 1)
1400 1)
us
tOFF
VCARD Turn off Time (see Figure 35 on
page 61)
CLOADmax≤4.7uF
750
us



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com