Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7SCR1R4 Datasheet(PDF) 38 Page - STMicroelectronics

Part # ST7SCR1R4
Description  8-BIT LOW-POWER, FULL-SPEED USB MCU WITH 16K FLASH, 768 RAM, SMARTCARD I/F, TIMER
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7SCR1R4 Datasheet(HTML) 38 Page - STMicroelectronics

Back Button ST7SCR1R4 Datasheet HTML 34Page - STMicroelectronics ST7SCR1R4 Datasheet HTML 35Page - STMicroelectronics ST7SCR1R4 Datasheet HTML 36Page - STMicroelectronics ST7SCR1R4 Datasheet HTML 37Page - STMicroelectronics ST7SCR1R4 Datasheet HTML 38Page - STMicroelectronics ST7SCR1R4 Datasheet HTML 39Page - STMicroelectronics ST7SCR1R4 Datasheet HTML 40Page - STMicroelectronics ST7SCR1R4 Datasheet HTML 41Page - STMicroelectronics ST7SCR1R4 Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 102 page
background image
ST7SCR
38/102
MISCELLANEOUS REGISTERS (Cont’d)
Table 13. Register Map and Reset Values
Address
(Hex.)
Register
Label
7654
3210
001C
MISCR1
Reset Value
ITM7
0
ITM6
0
ITM5
0
ITM4
0
ITM3
0
ITM2
0
ITM1
0
ITM0
0
001D
MISCR2
Reset Value
00
ITM14
0
ITM13
0
ITM12
0
ITM11
0
ITM10
0
ITM9
0
001E
MISCR3
Reset Value
CTRL1_A
0
CTRL0_A
0
CTRL1_C
0
CTRL0_C
0
0000
001Fh
MISCR4
Reset Value
0
PLL_ON
0
RST_IN
0
CLK_SE
0L
000
LOCK
0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com