Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92141 Datasheet(PDF) 64 Page - STMicroelectronics

Part # ST92141
Description  8/16-BIT MCU FOR 3-PHASE AC MOTOR CONTROL
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92141 Datasheet(HTML) 64 Page - STMicroelectronics

Back Button ST92141 Datasheet HTML 60Page - STMicroelectronics ST92141 Datasheet HTML 61Page - STMicroelectronics ST92141 Datasheet HTML 62Page - STMicroelectronics ST92141 Datasheet HTML 63Page - STMicroelectronics ST92141 Datasheet HTML 64Page - STMicroelectronics ST92141 Datasheet HTML 65Page - STMicroelectronics ST92141 Datasheet HTML 66Page - STMicroelectronics ST92141 Datasheet HTML 67Page - STMicroelectronics ST92141 Datasheet HTML 68Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 179 page
background image
64/179
ST92141 - RESET AND CLOCK CONTROL UNIT (RCCU)
Figure 27. ST92141 Clock Distribution Diagram (settings given for 5MHz crystal & 25MHz lnternal
clock)
5 MHz
PLL
1/16
x
1/2
DIV2=1
1
Oscillator
MX1=0 MX0=0
CSU_CKSEL=1
10
XT_DIV16=1
01
0
1
0
1
RCCU
25 MHz INTCLK
CLOCK2
3-bit Prescaler
CPU
IMC
1/4
WDG
CPUCLK
EMBEDDED MEMORY
RAM
EPROM/FASTROM
STIM
1...8
A/D
1...256
P5.7
Quartz
DX2=0 DX1=0 DX0=0
01
1/16
CK_AF
pin
1
0
WFI and LPOWFI=1 and WFI_CKSEL = 1
CK_AF
and WFI_CKSEL=1
or CKAF_SEL=1
and LPOWFI=1
WFI
1/4
Conversion time
N X 138 X INTCLK
1...8
Baud Rate
Generator
1/N
N=2,4,16,32
SCK
Master
SCK
Slave
(Max INTCLK/2)
SPI
LOGIC
1/2
EFT
1/N
EXTCLKx
(Max INTCLK/4)
N=2,4,8
1/2
1...256
/OTP
N=1,4,6,8,10,12,14,16
1/N
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com