Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92141 Datasheet(PDF) 8 Page - STMicroelectronics

Part # ST92141
Description  8/16-BIT MCU FOR 3-PHASE AC MOTOR CONTROL
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92141 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button ST92141 Datasheet HTML 4Page - STMicroelectronics ST92141 Datasheet HTML 5Page - STMicroelectronics ST92141 Datasheet HTML 6Page - STMicroelectronics ST92141 Datasheet HTML 7Page - STMicroelectronics ST92141 Datasheet HTML 8Page - STMicroelectronics ST92141 Datasheet HTML 9Page - STMicroelectronics ST92141 Datasheet HTML 10Page - STMicroelectronics ST92141 Datasheet HTML 11Page - STMicroelectronics ST92141 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 179 page
background image
8/179
ST92141 - GENERAL DESCRIPTION
Figure 1. ST92141 Block Diagram
Register File
256 bytes
ST9+ CORE
8/16-bit
CPU
Interrupt
Management
RCCU + LVD
WATCHDOG
MISO
MOSI
SCK
SSN
EF TIMER
SPI
IMC
TACHO
UH
UL
VH
VL
WH
WL
STIN
STOUT
All alternate functions (
Italic characters) are mapped on Port3 and Port5
Fully Prog.
I/Os
P3[6:0]
P5[7:0]
NMI
WKUP[3:0]
INT0
INT6
OSCIN
OSCOUT
RESET
INTCLK
CK_AF
RAM
512 bytes
EPROM/
FASTROM
16K
A/D Converter
with analog
watchdog
AIN[7:2]
EXTRG
WDIN
WDOUT
STIM TIMER
ICAP1
OCMP1
ICAP2
OCMP2
EXTCLK
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com