Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92141 Datasheet(PDF) 68 Page - STMicroelectronics

Part # ST92141
Description  8/16-BIT MCU FOR 3-PHASE AC MOTOR CONTROL
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92141 Datasheet(HTML) 68 Page - STMicroelectronics

Back Button ST92141 Datasheet HTML 64Page - STMicroelectronics ST92141 Datasheet HTML 65Page - STMicroelectronics ST92141 Datasheet HTML 66Page - STMicroelectronics ST92141 Datasheet HTML 67Page - STMicroelectronics ST92141 Datasheet HTML 68Page - STMicroelectronics ST92141 Datasheet HTML 69Page - STMicroelectronics ST92141 Datasheet HTML 70Page - STMicroelectronics ST92141 Datasheet HTML 71Page - STMicroelectronics ST92141 Datasheet HTML 72Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 179 page
background image
68/179
ST92141 - RESET AND CLOCK CONTROL UNIT (RCCU)
Figure 30. Example of Low Power Mode programming
Begin
WFI_CKSEL
← 1
WFI status
User’s Program
LPOWFI
← 1
User’s Program
WFI
End
PROGRAM FLOW
COMMENTS
SYSTEM CLOCK FREQUENCY
Interrupt
Quartz divided by 2
PLL multiply factor
Multiplier divider’s factor set
Wait for the
CK_AF clock selected when WFI
Wait For Interrupt
No code is executed until
Interrupt served
fixed to 10.
to 1, and PLL turned ON
an interrupt is requested
Low Power Mode enabled
Main code execution
continued
2.5 MHz
25 MHz
2.5 MHz
25 MHz
** T2 = Quartz oscillator start-up time
* T1 = PLL lock-in time
T1*
T2**
T1*
FQ=5 MHz, Vcc=5 V and T=25°C
CK_AF/16
WAIT
DX2-0
← 000
Xtal is selected to
restart the PLL quickly
CSU_CKSEL
1
PLL is
system clock source
CSU_CKSEL<- 1
while the CK_AF is
the system clock
CKAF_SEL <- 0
The system CK
switches to Xtal
The PLL is locked
and becomes the
system clock
XTSTOP
← 0
To restart Xtal and PLL
To stop PLL and Xtal when
a WFI occurs
XTSTOP
← 1
PLL locking
SET UP AFTER RESET PHASE:
DIV2
= 1
XTSTOP = 0
MX(1:0)
= 00
CSU_CKSEL = 0
Interrupt
WAIT
Routine
(LOCK->1)
CK_AF
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com