Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92141 Datasheet(PDF) 12 Page - STMicroelectronics

Part # ST92141
Description  8/16-BIT MCU FOR 3-PHASE AC MOTOR CONTROL
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92141 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button ST92141 Datasheet HTML 8Page - STMicroelectronics ST92141 Datasheet HTML 9Page - STMicroelectronics ST92141 Datasheet HTML 10Page - STMicroelectronics ST92141 Datasheet HTML 11Page - STMicroelectronics ST92141 Datasheet HTML 12Page - STMicroelectronics ST92141 Datasheet HTML 13Page - STMicroelectronics ST92141 Datasheet HTML 14Page - STMicroelectronics ST92141 Datasheet HTML 15Page - STMicroelectronics ST92141 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 179 page
background image
12/179
ST92141 - GENERAL DESCRIPTION
Table 4. ST92141 Alternate functions
How to configure the I/O ports
To configure the I/O ports, use the information in
Table 3 and Table 4 and the Port Bit Configuration
Table in the I/O Ports Chapter on page 81.
I/O note = The hardware characteristics fixed for
each port line in Table 3.
All I/O inputs have Schmitt trigger fixed by hard-
ware so selecting CMOS or TTL input by software
has no effect, the input will always be Schmitt Trig-
ger. In particular, the Schmitt Triggers present on
the P5[7:2] pins have a standard hysteresis
whereas the remaining pins have Schmitt Triggers
with High Hysteresis (refer to Electrical Specifica-
tions).
Alternate Functions (AF) = More than one AF
cannot be assigned to an external pin at the same
time:
Port
Name
General
Purpose I/O
Pin No.
Alternate Functions
SDIP32 PSO34
P3.0
All ports useable
for general pur-
pose I/O (input,
output or bidi-
rectional)
2
2
MOSI
I/O SPI Master Output/Slave Input Data
P3.1
3
3
MISO
I/O SPI Master Input/Slave Output Data
P3.2
4
4
WKUP3
I
Wake-up line 3
STIN
I
Standard Timer Input
SCK
I/O SPI Serial Clock Input/Output
P3.3
5
5
SSN
I
SPI Slave Select
STOUT
O
Standard Timer Output
P3.4
6
6
EXTRG
I
A/D External trigger
OCPM2
O
Ext. Timer Output Compare 2
P3.5
7
7
INT6
I
External Interrupt 6
OCMP1
O
Ext. Timer - Output Compare 1
P3.6
8
8
ICAP1
I
Ext. Timer - Input Capture 1
WKUP2
I
Wake-up line 2
P5.0
23
24
ICAP2
I
Ext. Timer - Input Capture 2
WKUP1
I
Wake-up line 1
P5.1
22
23
NMI
I
Not maskable Int.
WKUP0
I
Wake-up line 0
P5.2
16
17
AIN2
I
Analog Data Input 2
INT0
I
External Interrupt 0
WDIN
I
Watchdog input
P5.3
15
16
AIN3
I
Analog Data Input 3
EXTCLK
I
Ext. Timer - Input Clock
WDOUT
O
Watchdog Output
P5.4
14
15
AIN4
I
Analog Data Input 4
P5.5
13
14
AIN5
I
Analog Data Input 5
P5.6
12
13
AIN6
I
Analog Data Input 6
CK_AF
I
Clock Alternative Source
P5.7
11
12
AIN7
I
Analog Data Input 7
INTCLK
O
Internal Main Clock
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com