Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92141 Datasheet(PDF) 10 Page - STMicroelectronics

Part # ST92141
Description  8/16-BIT MCU FOR 3-PHASE AC MOTOR CONTROL
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92141 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button ST92141 Datasheet HTML 6Page - STMicroelectronics ST92141 Datasheet HTML 7Page - STMicroelectronics ST92141 Datasheet HTML 8Page - STMicroelectronics ST92141 Datasheet HTML 9Page - STMicroelectronics ST92141 Datasheet HTML 10Page - STMicroelectronics ST92141 Datasheet HTML 11Page - STMicroelectronics ST92141 Datasheet HTML 12Page - STMicroelectronics ST92141 Datasheet HTML 13Page - STMicroelectronics ST92141 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 179 page
background image
10/179
ST92141 - GENERAL DESCRIPTION
9
Table 1. Power Supply Pins
Table 2. Primary Function pins
Name
Function
VPP
Programming voltage for
EPROM/OTP devices. Must be
connected to VSS in user mode.
24
25
VDD
Main power supply voltage (5V
±
10% (2 pins internally connected)
17
18
11
VSS
Digital Circuit Ground (2 pins in-
ternally connected)
18
19
32
34
AVDD
Analog VDD of the Analog to Digit-
al Converter
910
AVSS
Analog VSS of the Analog to Digit-
al Converter
10
11
Name
Function
TACHO
Signal input from a tachogenera-
tor to the IMC controller for
measuring the rotor speed
31
33
UH
U-phase PWM output signal
26
28
VH
V-phase PWM output signal
30
32
WH
W-phase PWM output signal
28
30
UL
The complemented UH, VH, WH
output signals with added dead
time to avoid crossover conduc-
tion from the power driver
25
27
VL
29
31
WL
27
29
RESET
Reset (input, active low). The
ST9+ is initialised by the Reset
signal. With the deactivation of
RESET, program execution be-
gins from the memory location
pointed to by the vector con-
tained in memory locations 00h
and 01h
21
22
OSCIN
OSCIN is the input of the oscilla-
tor inverter and internal clock
generator. OSCIN and OSCOUT
connect a parallel-resonant crys-
tal (3 to 5 MHz), or an external
source to the on-chip clock oscil-
lator and buffer
19
20
OSCOUT
OSCOUT is the output of the os-
cillator inverter
20
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com