Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92141 Datasheet(PDF) 11 Page - STMicroelectronics

Part # ST92141
Description  8/16-BIT MCU FOR 3-PHASE AC MOTOR CONTROL
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92141 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button ST92141 Datasheet HTML 7Page - STMicroelectronics ST92141 Datasheet HTML 8Page - STMicroelectronics ST92141 Datasheet HTML 9Page - STMicroelectronics ST92141 Datasheet HTML 10Page - STMicroelectronics ST92141 Datasheet HTML 11Page - STMicroelectronics ST92141 Datasheet HTML 12Page - STMicroelectronics ST92141 Datasheet HTML 13Page - STMicroelectronics ST92141 Datasheet HTML 14Page - STMicroelectronics ST92141 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 179 page
background image
11/179
ST92141 - GENERAL DESCRIPTION
1.2.1 I/O Port Configuration
All ports can be individually configured as input, bi-
directional, output, or alternate function. Refer to
the Port Bit Configuration Table in the I/O Port
Chapter.
All I/Os are implemented with a High Hysteresis or
Standard Hysteresis Schmitt trigger function (See
Electrical Characteristics).
Weak Pull-Up = This column indicates if a weak
pull-up is present or not (refer to Table 3).
– If WPU = yes, then the WPU can be enabled/dis-
able by software
– If WPU = no, then enabling the WPU by software
has no effect
All port output configurations can be software se-
lected on a bit basis to provide push-pull or open
drain driving capabilities. For all ports, when con-
figured as open-drain, the voltage on the pin must
never exceed the VDD power line value (refer to
Electrical characteristics section).
1.2.2 I/O Port Reset State
I/Os are reset asynchronously as soon as the RE-
SET pin is asserted low.
All I/Os are forced by the Reset in "floating input"
configuration mode.
WARNING
When a common pin is declared to be connected
to an alternate function input and to an alternate
function output, the user must be aware of the fact
that the alternate function output signal always in-
puts to the alternate function module declared as
input.
When any given pin is declared to be connected to
a digital alternate function input, the user must be
aware of the fact that the alternate function input is
always connected to the pin. When a given pin is
declared to be connected to an analog alternate
function input (ADC input for example) and if this
pin is programmed in the "AF-OD" mode, the digit-
al input path is disconnected from the pin to pre-
vent any DC consumption.
Table 3. I/O Port Characteristics
Legend: OD = Open Drain; HC= High current
Input
Output
Weak Pull-Up Reset State
Port 3[4:0]
Port 3[6:5]
Schmitt trigger (High Hysteresis)
Schmitt trigger (High Hysteresis)
Push-Pull/OD
Push-Pull/OD (HC)
Yes
Yes
Floating input
Floating input
Port 5.0
Port 5.1
Port 5.2
Port 5[7:3]
Schmitt trigger (High Hysteresis)
Schmitt trigger (High Hysteresis)
Schmitt trigger (Standard Hysteresis)
Schmitt trigger (Standard Hysteresis)
Push-Pull/OD (HC)
Push-Pull/OD
Push-Pull/OD (HC)
Push-Pull/OD
Yes
Yes
Yes
Yes
Floating input
Floating input
Floating input
Floating input
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com