Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92141 Datasheet(PDF) 50 Page - STMicroelectronics

Part # ST92141
Description  8/16-BIT MCU FOR 3-PHASE AC MOTOR CONTROL
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92141 Datasheet(HTML) 50 Page - STMicroelectronics

Back Button ST92141 Datasheet HTML 46Page - STMicroelectronics ST92141 Datasheet HTML 47Page - STMicroelectronics ST92141 Datasheet HTML 48Page - STMicroelectronics ST92141 Datasheet HTML 49Page - STMicroelectronics ST92141 Datasheet HTML 50Page - STMicroelectronics ST92141 Datasheet HTML 51Page - STMicroelectronics ST92141 Datasheet HTML 52Page - STMicroelectronics ST92141 Datasheet HTML 53Page - STMicroelectronics ST92141 Datasheet HTML 54Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 179 page
background image
50/179
ST92141 - INTERRUPTS
NMI/WKP0 LINE MANAGEMENT (Cont’d)
3.9.1 NMI/Wake-Up Event Handling in Run
mode
The four external lines WKUP0/NMI, WKUP1-3
can also be used when the device is in Run Mode.
In addition, if the WKUP0/NMI line is used and the
NMI and WKUP0 events are enabled by program-
ming the CPU, IMC and WUIMU registers, a tran-
sition on the input pin can generate the following
events:
– IMC: the six output phases UH/UL/VH/VL/WH/
WL are released in High Impedance. The NMI bit
of the IMCIVR register is automatically set to “1”.
A non maskable interrupt request is then sent to
the CPU.
– CPU: the NMI pending bit of the CICR register is
set and the corresponding NMI interrupt routine
is immediately executed.
Note 1: The NMI pending bits of the IMCIVR reg-
ister must be cleared by software in the NMI rou-
tine, whereas the NMI pending bit of the CICR
register is cleared by hardware when NMI routine
is acknowledged.
Note 2: The external NMI/WKUP0 event is flagged
in the NMI pending bit of the IMCIVR register. The
NMI routine must clear this bit. This operation must
occur after disactivation of the NMI/WKUP0 line
(otherwise, the next NMI/WKUP0 event will be
lost, if the CPU is sensitive to a rising edge on the
NMI input).
The flexibility of the ST9 also allows the use of the
NMI/WKUP0 line as a wake up function only or as
a Non Maskable Interrupt only.
WARNING:
1. The NMI management implemented in the
ST92141 imposes the following constraints on
the P5.3 (NMI/WKUP0) I.O pin:
– No glitches should occur on the pin to avoid un-
intentional NMI/wake up requests.
– A minimum pulse width is requested for the pin
activation (refer to ST92141 Electrical Specifica-
tion).
2. The WKUP0-3 management implemented in
the ST92141 imposes the following constraints
on the P5.0 (WKUP1), P5.2 (WKUP0), P3.2
(WKUP3) and P3.6 (WKUP2):
– No glitches should occur on WKUP0-3 pins to
avoid unintentional requests.
3.9.2 NMI/Wake-Up Event Handling in STOP
mode
The ST92141 enters Stop Mode by software writ-
ing a special Stop bit setting sequence in the
WUCTRL register of the WUIMU. After entering
Stop Mode, the device can be woken up by one of
the four Wake Up external lines (refer to Section
3.12 WAKE-UP / INTERRUPT LINES MANAGE-
MENT UNIT (WUIMU).
In addition, if the WKUP0/NMI line is used and the
NMI and WKUP0 events are enabled by program-
ming the CPU, IMC and WUIMU registers, a tran-
sition on the input pin can generate the following
events:
– IMC: the six output phases UH/UL/VH/VL/WH/
WL are released in High Impedance. The NMI bit
of the IMCIVR register is automatically set to “1”.
A non maskable interrupt request is then sent to
the CPU.
– WUIMU: the NMI/WKUP0 activation wakes up
the ST92141 from Stop mode, allowing the CPU
to acknowledge the NMI request from IMC
– CPU: the NMI pending bit of the CICR register is
set and the corresponding NMI interrupt routine
is executed as soon as the ST92141 is exited
from Stop mode.
Note: The NMI pending bits of the IMCIVR register
must be cleared by software in the NMI routine,
whereas the NMI pending bit of the CICR register
is cleared by hardware when the NMI routine is ac-
knowledged.
3.9.3 Unused Wake Up Management Unit lines
The WUIMU can manage up to 16 External-Inter-
rupt/ Wake up lines. Usually, only a subset of
these 16 lines is used.
In the ST92141, 4 lines out of 16 are available as
external lines (WKUP0/1/2/3) but the Pending and
Mask bits of the unused lines (WKUP4 to WKUP
15) are also accessible by software (refer to Sec-
tion 3.12 WAKE-UP / INTERRUPT LINES MAN-
AGEMENT UNIT (WUIMU)). Therefore, it is possi-
ble to generate a software interrupt by disabling
the Mask and by setting the Pending bit of an un-
used channel.
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com