Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92141 Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST92141
Description  8/16-BIT MCU FOR 3-PHASE AC MOTOR CONTROL
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92141 Datasheet(HTML) 1 Page - STMicroelectronics

  ST92141 Datasheet HTML 1Page - STMicroelectronics ST92141 Datasheet HTML 2Page - STMicroelectronics ST92141 Datasheet HTML 3Page - STMicroelectronics ST92141 Datasheet HTML 4Page - STMicroelectronics ST92141 Datasheet HTML 5Page - STMicroelectronics ST92141 Datasheet HTML 6Page - STMicroelectronics ST92141 Datasheet HTML 7Page - STMicroelectronics ST92141 Datasheet HTML 8Page - STMicroelectronics ST92141 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 179 page
background image
October 2001
1/179
Rev. 1.7
ST92141
8/16-BIT MCU FOR 3-PHASE AC MOTOR CONTROL
s
Register File based 8/16 bit Core Architecture
with RUN, WFI, SLOW, HALT and STOP
modes
s
0-25 MHz Operation (internal clock) @ 5V±10%
voltage range
s
-40°C to +85°C Operating Temperature Range
s
Fully Programmable PLL Clock Generator, with
Frequency Multiplication and low frequency,
low cost external crystal (3-5 MHz)
s
Minimum Instruction Cycle time: 160 ns - (@ 25
MHz internal clock frequency)
s
Internal Memory:
– EPROM/OTP/FASTROM 16K bytes
– RAM 512 bytes
s
224 general purpose registers available as RAM,
accumulators or index pointers (register file)
s
32-pin Dual Inline and 34-pin Small Outline
Packages
s
15 programmable I/O pins with Schmitt Trigger
input, including 4 high sink outputs (20mA @
VOL=3V)
s
4 Wake-up Interrupts (one usable as Non-
Maskable
Interrupt)
for
emergency
event
management
s
3-phase
Induction
Motor
Controller
(IMC)
Peripheral with 3 pairs of PWM outputs and
asynchronous emergency stop
s
Serial Peripheral Interface (SPI) with Master/
Slave Mode capability
s
16-bit Timer with 8-bit Prescaler usable as a
Watchdog Timer
s
16-bit Standard Timer with 8-bit Prescaler
s
16-bit Extended Function Timer with Prescaler, 2
Input Captures and 2 Output Compares
s
8-bit Analog to Digital Converter allowing up to
6 input channels with autoscan and watchdog
capability
s
Low Voltage Detector Reset
s
Rich Instruction Set with 14 Addressing Modes
s
Division-by-Zero trap generation
s
Versatile
Development
Tools,
including
Assembler,
Linker,
C-compiler,
Archiver,
Source
Level
Debugger
and
Hardware
Emulators with Real-Time Operating System
available from Third Parties
DEVICE SUMMARY
DEVICE
Program
Memory
(Bytes)
RAM
(Bytes)
PACKAGE
ST92P141
16K FASTROM
512
PSDIP32/
SO34
ST92E141
16K EPROM
512
CSDIP32W
ST92T141
16K OTP
512
PSDIP32/
SO34
PSDIP32
SO34 Shrink
CSDIP32W
9


Similar Part No. - ST92141

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST92124CR1Q6 STMICROELECTRONICS-ST92124CR1Q6 Datasheet
3Mb / 426P
8/16-BIT SINGLE VOLTAGE FLASH MCU FAMILY WITH RAM, E3 TMEMULATED EEPROM, CAN 2.0B AND J1850 BLPD
19-Nov-2004
ST92124CR1Q6 STMICROELECTRONICS-ST92124CR1Q6 Datasheet
4Mb / 429P
8/16-BIT SINGLE VOLTAGE FLASH MCU FAMILY WITH RAM, E3 TM(EMULATED EEPROM), CAN 2.0B AND J1850 BLPD
16-Nov-2006
ST92124CR1QB STMICROELECTRONICS-ST92124CR1QB Datasheet
3Mb / 426P
8/16-BIT SINGLE VOLTAGE FLASH MCU FAMILY WITH RAM, E3 TMEMULATED EEPROM, CAN 2.0B AND J1850 BLPD
19-Nov-2004
ST92124CR1QB STMICROELECTRONICS-ST92124CR1QB Datasheet
4Mb / 429P
8/16-BIT SINGLE VOLTAGE FLASH MCU FAMILY WITH RAM, E3 TM(EMULATED EEPROM), CAN 2.0B AND J1850 BLPD
16-Nov-2006
ST92124CR1QC STMICROELECTRONICS-ST92124CR1QC Datasheet
3Mb / 426P
8/16-BIT SINGLE VOLTAGE FLASH MCU FAMILY WITH RAM, E3 TMEMULATED EEPROM, CAN 2.0B AND J1850 BLPD
19-Nov-2004
More results

Similar Description - ST92141

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST72141K STMICROELECTRONICS-ST72141K Datasheet
1Mb / 132P
8-BIT MCU WITH ELECTRIC-MOTOR CONTROL, ADC, 16-BIT TIMERS, SPI INTERFACE
Rev. 1.8
logo
Mitsubishi Electric Sem...
M51785P MITSUBISHI-M51785P Datasheet
300Kb / 7P
3 PHASE BRUSHLESS MOTOR CONTROL
logo
International Rectifier
IR22771S IRF-IR22771S Datasheet
441Kb / 16P
Phase Current Sensor IC for AC motor control
IR2277S IRF-IR2277S Datasheet
476Kb / 20P
Phase Current Sensor IC for AC motor control
logo
Freescale Semiconductor...
56F8300 FREESCALE-56F8300 Datasheet
563Kb / 16P
3-Phase AC Induction Motor V/Hz Control
logo
STMicroelectronics
ST72141K2-AUTO STMICROELECTRONICS-ST72141K2-AUTO Datasheet
3Mb / 131P
8-bit MCU for automotive with electric-motor control, ADC, 16-bit timers, SPI interface
23-Nov-2007
logo
International Rectifier
IR2177S IRF-IR2177S_15 Datasheet
489Kb / 20P
Phase Current Sensor IC for AC motor control
IR21771S IRF-IR21771S_15 Datasheet
447Kb / 16P
Phase Current Sensor IC for AC motor control
logo
Infineon Technologies A...
IR2277S INFINEON-IR2277S Datasheet
489Kb / 20P
Phase Current Sensor IC for AC motor control
Data Sheet No. PD60233 revB
IR22771S INFINEON-IR22771S Datasheet
447Kb / 16P
Phase Current Sensor IC for AC motor control
Data Sheet No. PD60234 revB
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com