Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92141 Datasheet(PDF) 19 Page - STMicroelectronics

Part # ST92141
Description  8/16-BIT MCU FOR 3-PHASE AC MOTOR CONTROL
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92141 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button ST92141 Datasheet HTML 15Page - STMicroelectronics ST92141 Datasheet HTML 16Page - STMicroelectronics ST92141 Datasheet HTML 17Page - STMicroelectronics ST92141 Datasheet HTML 18Page - STMicroelectronics ST92141 Datasheet HTML 19Page - STMicroelectronics ST92141 Datasheet HTML 20Page - STMicroelectronics ST92141 Datasheet HTML 21Page - STMicroelectronics ST92141 Datasheet HTML 22Page - STMicroelectronics ST92141 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 179 page
background image
19/179
ST92141 - GENERAL DESCRIPTION
Note: xx denotes a byte with an undefined value, however some of the bits may have defined values. Refer to register description for details.
51
IMC
R240
TCPTH
Tacho Capture Register High
xx
125
R241
TCPTL
Tacho Capture Register Low
xx
125
R242
TCMP
Tacho Compare Register
xx
125
R243
ISR
Interrupt Status Register
3F
36
R244
TPRSH
Tacho Prescaler Register High
00
127
R245
TPRSL
Tacho Prescaler Register Low
00
127
R246
CPRS
PWM Counter Prescaler Register
00
127
R247
REP
Repetition Counter Register
00
127
R248
CPWH
Compare Phase W Preload Register High
00
128
R249
CPWL
Compare Phase W Preload Register Low
00
128
R250
CPVH
Compare Phase V Preload Register High
00
128
R251
CPVL
Compare Phase V Preload Register Low
00
128
R252
CPUH
Compare Phase U Preload Register High
00
129
R253
CPUL
Compare Phase U Preload Register Low
00
129
R254
CP0H
Compare 0 Preload Register High
00
129
R255
CP0L
Compare 0 Preload Register Low
00
129
55
RCCU
R240
CLKCTL
Clock Control Register
00
69
R242
CLK_FLAG
Clock Flag Register
48, 28
70
R246
PLLCONF
PLL Configuration Register
xx
71
57
WUIMU
R249
WUCTRL
Wake-Up Control Register
00
59
R250
WUMRH
Wake-Up Mask Register High
00
60
R251
WUMRL
Wake-Up Mask Register Low
00
60
R252
WUTRH
Wake-Up Trigger Register High
00
61
R253
WUTRL
Wake-Up Trigger Register Low
00
61
R254
WUPRH
Wake-Up Pending Register High
00
61
R255
WUPRL
Wake-Up Pending Register Low
00
61
63
ADC
R240
D0R
Channel 0 Data Register
xx
151
R241
D1R
Channel 1 Data Register
xx
151
R242
D2R
Channel 2 Data Register
xx
151
R243
D3R
Channel 3 Data Register
xx
151
R244
D4R
Channel 4 Data Register
xx
151
R245
D5R
Channel 5 Data Register
xx
151
R246
D6R
Channel 6 Data Register
xx
151
R247
D7R
Channel 7 Data Register
xx
151
R248
LT6R
Channel 6 Lower Threshold Reg.
xx
152
R249
LT7R
Channel 7 Lower Threshold Reg.
xx
152
R250
UT6R
Channel 6 Upper Threshold Reg.
xx
152
R251
UT7R
Channel 7 Upper Threshold Reg.
xx
152
R252
CRR
Compare Result Register
0F
153
R253
CLR
Control Logic Register
00
154
R254
ICR
Interrupt Control Register
0F
155
R255
IVR
Interrupt Vector Register
x2
155
Page
(Decimal)
Block
Reg.
No.
Register
Name
Description
Reset
Value
Hex.
Doc.
Page
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com