Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92141 Datasheet(PDF) 13 Page - STMicroelectronics

Part # ST92141
Description  8/16-BIT MCU FOR 3-PHASE AC MOTOR CONTROL
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92141 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button ST92141 Datasheet HTML 9Page - STMicroelectronics ST92141 Datasheet HTML 10Page - STMicroelectronics ST92141 Datasheet HTML 11Page - STMicroelectronics ST92141 Datasheet HTML 12Page - STMicroelectronics ST92141 Datasheet HTML 13Page - STMicroelectronics ST92141 Datasheet HTML 14Page - STMicroelectronics ST92141 Datasheet HTML 15Page - STMicroelectronics ST92141 Datasheet HTML 16Page - STMicroelectronics ST92141 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 179 page
background image
13/179
ST92141 - GENERAL DESCRIPTION
An alternate function can be selected as follows.
AF Inputs:
– AF is selected implicitly by enabling the corre-
sponding peripheral. Exceptions to this are ADC
analog inputs which must be explicitly selected
as AF by software.
AF Outputs or Bidirectional Lines:
– In the case of Outputs or I/Os, AF is selected ex-
plicitly by software.
Example 1: Standard Timer input
AF: STIN, Port: P3.2, I/O Note: Schmitt trigger.
Write the port configuration bits:
P3C2.2=1
P3C1.2=0
P3C0.2=1
or P3C2.2=0
P3C1.2=0
P3C0.2=1
Enable the Standard Timer input by software as
described in the STIM chapter.
Example 2: Standard Timer output
AF: STOUT, Port: P3.3
Write the port configuration bits (for AF output
push-pull):
P3C2.3=0
P3C1.3=1
P3C0.3=1
Example 3: ADC analog input
AF: AIN2, Port: P5.2, I/O Note: does not apply to
analog inputs
Write the port configuration bits:
P5C2.2=1
P5C1.2=1
P5C0.2=1
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com