Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92141 Datasheet(PDF) 17 Page - STMicroelectronics

Part # ST92141
Description  8/16-BIT MCU FOR 3-PHASE AC MOTOR CONTROL
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92141 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button ST92141 Datasheet HTML 13Page - STMicroelectronics ST92141 Datasheet HTML 14Page - STMicroelectronics ST92141 Datasheet HTML 15Page - STMicroelectronics ST92141 Datasheet HTML 16Page - STMicroelectronics ST92141 Datasheet HTML 17Page - STMicroelectronics ST92141 Datasheet HTML 18Page - STMicroelectronics ST92141 Datasheet HTML 19Page - STMicroelectronics ST92141 Datasheet HTML 20Page - STMicroelectronics ST92141 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 179 page
background image
17/179
ST92141 - GENERAL DESCRIPTION
Table 8. Detailed Register Map
Page
(Decimal)
Block
Reg.
No.
Register
Name
Description
Reset
Value
Hex.
Doc.
Page
N/A
Core
R230
CICR
Central Interrupt Control Register
87
52
R231
FLAGR
Flag Register
00
24
R232
RP0
Pointer 0 Register
xx
26
R233
RP1
Pointer 1 Register
xx
26
R234
PPR
Page Pointer Register
xx
28
R235
MODER
Mode Register
E0
28
R236
USPHR
User Stack Pointer High Register
xx
30
R237
USPLR
User Stack Pointer Low Register
xx
30
R238
SSPHR
System Stack Pointer High Reg.
xx
30
R239
SSPLR
System Stack Pointer Low Reg.
xx
30
I/O
Port
5:4,2:0
R224
P0DR
Port 0 Data Register
FF
79
R225
P1DR
Port 1 Data Register
FF
R226
P2DR
Port 2 Data Register
FF
R228
P4DR
Port 4 Data Register
FF
R229
P5DR
Port 5 Data Register
FF
0
INT
R242
EITR
External Interrupt Trigger Register
00
52
R243
EIPR
External Interrupt Pending Reg.
00
53
R244
EIMR
External Interrupt Mask-bit Reg.
00
53
R245
EIPLR
External Interrupt Priority Level Reg.
FF
53
R246
EIVR
External Interrupt Vector Register
x6
54
R247
NICR
Nested Interrupt Control
00
54
WDT
R248
WDTHR
Watchdog Timer High Register
FF
90
R249
WDTLR
Watchdog Timer Low Register
FF
90
R250
WDTPR
Watchdog Timer Prescaler Reg.
FF
90
R251
WDTCR
Watchdog Timer Control Register
12
90
R252
WCR
Wait Control Register
7F
91
2
I/O
Port
3
R252
P3C0
Port 3 Configuration Register 0
00
79
R253
P3C1
Port 3 Configuration Register 1
00
R254
P3C2
Port 3 Configuration Register 2
00
3
I/O
Port
5
R244
P5C0
Port 5 Configuration Register 0
FF
R245
P5C1
Port 5 Configuration Register 1
00
R246
P5C2
Port 5 Configuration Register 2
00
7SPI
R240
SPDR
SPI Data Register
00
145
R241
SPCR
SPI Control Register
00
145
R242
SPSR
SPI Status Register
00
146
R243
SPPR
SPI Prescaler Register
00
146
11
STIM
R240
STH
Counter High Byte Register
FF
95
R241
STL
Counter Low Byte Register
FF
95
R242
STP
Standard Timer Prescaler Register
FF
95
R243
STC
Standard Timer Control Register
14
95
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com