Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92163L Datasheet(PDF) 75 Page - STMicroelectronics

Part # ST92163L
Description  8/16-BIT FULL SPEED USB MCU FOR COMPOSITE DEVICES WITH 16 ENDPOINTS, 20K ROM, 2K RAM, I2C, SCI, & MFT
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92163L Datasheet(HTML) 75 Page - STMicroelectronics

Back Button ST92163L Datasheet HTML 71Page - STMicroelectronics ST92163L Datasheet HTML 72Page - STMicroelectronics ST92163L Datasheet HTML 73Page - STMicroelectronics ST92163L Datasheet HTML 74Page - STMicroelectronics ST92163L Datasheet HTML 75Page - STMicroelectronics ST92163L Datasheet HTML 76Page - STMicroelectronics ST92163L Datasheet HTML 77Page - STMicroelectronics ST92163L Datasheet HTML 78Page - STMicroelectronics ST92163L Datasheet HTML 79Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 224 page
background image
75/224
ST92163 - RESET AND CLOCK CONTROL UNIT (RCCU)
5 RESET AND CLOCK CONTROL UNIT (RCCU)
5.1 INTRODUCTION
The Reset and Clock Control Unit (RCCU) com-
prises two distinct sections:
– the Clock Control Unit, which generates and
manages the internal clock signals.
– the Reset/Stop Manager, which detects and
flags Hardware, Software and Watchdog gener-
ated resets.
On ST9 devices where the external Stop pin is
available, this circuit also detects and manages
the externally triggered Stop mode, during which
all oscillators are frozen in order to achieve the
lowest possible power consumption.
5.2 CLOCK CONTROL UNIT
The Clock Control Unit generates the internal
clocks for the CPU core (CPUCLK) and for the on-
chip peripherals (INTCLK). The Clock Control Unit
may be driven by an external crystal circuit, con-
nected to the OSCIN and OSCOUT pins, or by an
external pulse generator, connected to OSCIN
(see Figure 42 and Figure 44). Another clock
source named CK_AF can be provided from the
internal RC oscillator.
5.2.1 Clock Control Unit Overview
As shown in Figure 34, a programmable divider
can divide the CLOCK1 input clock signal by two.
The resulting signal, CLOCK2, is the reference in-
put clock to the programmable Phase Locked
Loop frequency multiplier, which is capable of mul-
tiplying the clock frequency by a factor of 6, 8, 10
or 14; the multiplied clock is then divided by a pro-
grammable divider, by a factor of 1 to 7. By this
means, the ST9 can operate with cheaper, medi-
um frequency (3-5 MHz) crystals, while still provid-
ing a high frequency internal clock for maximum
system performance; the range of available multi-
plication and division factors allow a great number
of operating clock frequencies to be derived from a
single crystal frequency. The undivided PLL clock
is also available for special purposes (high-speed
peripheral).
For low power operation, especially in Wait for In-
terrupt mode, the Clock Multiplier unit may be
turned off, whereupon the output clock signal may
be programmed as CLOCK2 divided by 16. For
further power reduction, an internal RC oscillator
with a frequency of 85KHZ (+/- 40%) is available to
provide the CK_AF clock internally if the external
clock source is not used. During the execution of a
WFI in Low Power mode this clock is further divid-
ed by 16 to reduce power consumption (for the se-
lection of this signal refer to the description the
CK_AF clock source in the following sections).
The internal system clock, INTCLK, is routed to all
on-chip peripherals, as well as to the programma-
ble Clock Prescaler Unit which generates the clock
for the CPU core (CPUCLK).
The Clock Prescaler is programmable and can
slow the CPU clock by a factor of up to 8, allowing
the programmer to reduce CPU processing speed,
and thus power consumption, while maintaining a
high speed clock to the peripherals. This is partic-
ularly useful when little actual processing is being
done by the CPU and the peripherals are doing
most of the work.
Figure 34. Clock Control Unit Simplified Block Diagram
Quartz
1/16
1/2
oscillator
CLOCK2
CLOCK1
CK_AF
PLL
Clock Multiplier
CPU Clock
Prescaler
to
CPU Core
to
Peripherals
CPUCLK
INTCLK
Unit
/Divider
1/16
RC
oscillator
Internal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com