Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92163L Datasheet(PDF) 26 Page - STMicroelectronics

Part # ST92163L
Description  8/16-BIT FULL SPEED USB MCU FOR COMPOSITE DEVICES WITH 16 ENDPOINTS, 20K ROM, 2K RAM, I2C, SCI, & MFT
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92163L Datasheet(HTML) 26 Page - STMicroelectronics

Back Button ST92163L Datasheet HTML 22Page - STMicroelectronics ST92163L Datasheet HTML 23Page - STMicroelectronics ST92163L Datasheet HTML 24Page - STMicroelectronics ST92163L Datasheet HTML 25Page - STMicroelectronics ST92163L Datasheet HTML 26Page - STMicroelectronics ST92163L Datasheet HTML 27Page - STMicroelectronics ST92163L Datasheet HTML 28Page - STMicroelectronics ST92163L Datasheet HTML 29Page - STMicroelectronics ST92163L Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 224 page
background image
26/224
ST92163 - GENERAL DESCRIPTION
Note: xx denotes a byte with an undefined value, but some bits may have defined values. See register description for de-
tails.
43
I/O
Port
8
R248
P8C0
Port 8 Configuration Register 0
00
98
R249
P8C1
Port 8 Configuration Register 1
00
R250
P8C2
Port 8 Configuration Register 2
00
R251
P8DR
Port 8 Data Register
FF
I/O
Port
9
R252
P9C0
Port 9 Configuration Register 0
00
R253
P9C1
Port 9 Configuration Register 1
00
R254
P9C2
Port 9 Configuration Register 2
00
R255
P9DR
Port 9 Data Register
FF
55
RCCU
R240
CLKCTL
Clock Control Register
00
81
R242
CLK_FLAG
Clock Flag Register
48, 28
or 08
82
R246
PLLCONF
PLL Configuration Register
xx
83
59
WUIMU
R249
WUCTRL
Wake-Up Control Register
00
67
R250
WUMRH
Wake-Up Mask Register High
00
68
R251
WUMRL
Wake-Up Mask Register Low
00
68
R252
WUTRH
Wake-Up Trigger Register High
00
69
R253
WUTRL
Wake-Up Trigger Register Low
00
69
R254
WUPRH
Wake-Up Pending Register High
00
69
R255
WUPRL
Wake-Up Pending Register Low
00
69
60
USB
R244
DEVCONF1
USB device configuration 1
0F
146
R245
DEVCONF2
USB device configuration 2
00
146
R246
MIRRA
Mirror Register A
xx
147
R247
MIRRB
Mirror Register B
xx
147
62
ADC
R240
ADDTR
Channel i Data Register
xx
199
R241
ADCLR
Control Logic Register
00
199
R242
ADINT
AD Interrupt Register
01
200
Page
No.
Block
Reg.
No.
Register
Name
Description
Reset
Value
Hex.
Doc.
Page



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com