Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92163L Datasheet(PDF) 24 Page - STMicroelectronics

Part # ST92163L
Description  8/16-BIT FULL SPEED USB MCU FOR COMPOSITE DEVICES WITH 16 ENDPOINTS, 20K ROM, 2K RAM, I2C, SCI, & MFT
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92163L Datasheet(HTML) 24 Page - STMicroelectronics

Back Button ST92163L Datasheet HTML 20Page - STMicroelectronics ST92163L Datasheet HTML 21Page - STMicroelectronics ST92163L Datasheet HTML 22Page - STMicroelectronics ST92163L Datasheet HTML 23Page - STMicroelectronics ST92163L Datasheet HTML 24Page - STMicroelectronics ST92163L Datasheet HTML 25Page - STMicroelectronics ST92163L Datasheet HTML 26Page - STMicroelectronics ST92163L Datasheet HTML 27Page - STMicroelectronics ST92163L Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 224 page
background image
24/224
ST92163 - GENERAL DESCRIPTION
10
MFT
R240
REG0HR
Capture Load Register 0 High
xx
125
R241
REG0LR
Capture Load Register 0 Low
xx
125
R242
REG1HR
Capture Load Register 1 High
xx
125
R243
REG1LR
Capture Load Register 1 Low
xx
125
R244
CMP0HR
Compare 0 Register High
00
125
R245
CMP0LR
Compare 0 Register Low
00
125
R246
CMP1HR
Compare 1 Register High
00
125
R247
CMP1LR
Compare 1 Register Low
00
125
R248
TCR
Timer Control Register
0x
126
R249
TMR
Timer Mode Register
00
127
R250
T_ICR
External Input Control Register
0x
128
R251
PRSR
Prescaler Register
00
128
R252
OACR
Output A Control Register
xx
129
R253
OBCR
Output B Control Register
xx
130
R254
T_FLAGR
Flags Register
00
31
R255
IDMR
Interrupt/DMA Mask Register
00
132
15
USB
Common
R240
DADDR0
Device Address Register 0
00
143
R241
DADDR1
Device Address Register 1
00
R242
DADDR2
Device Address Register 2
00
R243
DADDR3
Device Address Register 3
00
R244
DADDR4
Device Address Register 4
00
R245
DADDR5
Device Address Register 5
00
R246
DADDR6
Device Address Register 6
00
R247
DADDR7
Device Address Register 7
00
R248
USBIVR
USB Interrupt Vector Register
xx
139
R249
USBISTR
USB Interrupt Status Register
00
139
R250
USBIMR
USB Interrupt Mask Register
00
140
R251
USBIPR
USB Interrupt Priority Register
xx
140
R252
USBCTLR
USB Control Register
17
141
R253
CTRINF
CTR Interrrupt Flags
xx
142
R254
FNRH
Frame Number Register High
0x
142
R255
FNRL
Frame Number Register Low
xx
142
Page
No.
Block
Reg.
No.
Register
Name
Description
Reset
Value
Hex.
Doc.
Page



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com