Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92163L Datasheet(PDF) 5 Page - STMicroelectronics

Part # ST92163L
Description  8/16-BIT FULL SPEED USB MCU FOR COMPOSITE DEVICES WITH 16 ENDPOINTS, 20K ROM, 2K RAM, I2C, SCI, & MFT
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92163L Datasheet(HTML) 5 Page - STMicroelectronics

  ST92163L Datasheet HTML 1Page - STMicroelectronics ST92163L Datasheet HTML 2Page - STMicroelectronics ST92163L Datasheet HTML 3Page - STMicroelectronics ST92163L Datasheet HTML 4Page - STMicroelectronics ST92163L Datasheet HTML 5Page - STMicroelectronics ST92163L Datasheet HTML 6Page - STMicroelectronics ST92163L Datasheet HTML 7Page - STMicroelectronics ST92163L Datasheet HTML 8Page - STMicroelectronics ST92163L Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 224 page
background image
5/224
Table of Contents
224
8.4.4
Serial Frame Format . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 155
8.4.5
Clocks And Serial Transmission Rates . .... . ... .. . . ... .. . . ... . ... .. .. .. 158
8.4.6
SCI Initialization Procedure . . . . . . . . . . . . . . . .... .... ... . . . . . . . . ... .. . . 158
8.4.7
Input Signals . . . . . . . . . . . . . . . . . ... .. ... .. .. ... .. .. ... .. .. .... . . ... . 160
8.4.8
Output Signals . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .... . . . 160
8.4.9
Interrupts and DMA . . . . . . . . . . . . ... .. ... .. .. ... .. .. ... .. .. .... . . ... . 161
8.4.10 Register Description . . . . ... .. . . ... . . . . ... .. ... .. . . . . . . . . ... .. . . ... . 164
8.5
I2C BUS INTERFACE . . . . . . . . . . . . . . . . . . . . . . . . . .... .... ... . ... .. . . ... .. . . 175
8.5.1
Introduction . . . . . . . . . . . . .... . . ... .. .... ... . . . . . . . . . . . . . . . . . . . . ... . 175
8.5.2
Main Features . . . . . . . . . . .... . . ... .. .... ... . . . . . . . . . . . . . . . . . .. . ... . 175
8.5.3
Functional Description . . . . . . . . . ... .. ... .. .. . . . . . . . ... .. .. .... . . ... . 176
8.5.4
I2C State Machine . . .... . ... .. . . . . .... .... .. . .... .. . . . . . . ... .. . . . . 178
8.5.5
Interrupt Features . . . . . . . . . . . . . ... . . . . ... .. ... .. .. ... .. . ... .. . . ... . 183
8.5.6
DMA Features . . . . . . .... . ... .. . . ... ... . ... .. . . ... .. . . ... . ... .. .. .. 184
8.5.7
Register Description . . . . . .... . . ... .. .... ... . . . . . . . . . . . . . . . . . .. . ... . 186
8.6
A/D CONVERTER (A/D) . . . . . . . . . . . . . . . . . .... . . . ... . . . . . . . . . . . . . ... ... . . . 197
8.6.1
Introduction . . . . . . . . . . . . .... . . ... .. .... ... . . . . . . . . . . . . . . . . . . . . ... . 197
8.6.2
Main Features . . . . . . . . . . .... . . ... .. .... ... . . . . . . . . . . . . . . . . . .. . ... . 197
8.6.3
General Description . . . . . . . . . . . . . . . . . . . . . .... .... ... . . . . . . . . ... .. . . 197
8.6.4
Register Description . . . . . .... . . ... .. .... ... . . . . . . . . . . . . . . . . . .. . ... . 199
9 ELECTRICAL CHARACTERISTICS . . . . . . . . . . . . . . . . . . . .... .... ... . . . . . . . . ... .. . . 201
10 GENERAL INFORMATION .... . ... .. . . ... .. . .... . ... .. .. .. .... . . . ... . . . . . . . . . 218
10.1 EPROM/OTP PROGRAMMING . . . . . . . . . . . . . . . . . . . . . . . . . .... .... .. . . . . . . . . . 218
10.2 PACKAGE DESCRIPTION . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 219
10.3 ORDERING INFORMATION . . . . . . . . . . . . . .... . ... .. . . . . .... . . . . .. . . . . . . . . . 221
10.4 TRANSFER OF CUSTOMER CODE . . . . ... . . . . ... .. ... .. .. ... .. . ... .. . . ... . 221



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com