Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92163L Datasheet(PDF) 55 Page - STMicroelectronics

Part # ST92163L
Description  8/16-BIT FULL SPEED USB MCU FOR COMPOSITE DEVICES WITH 16 ENDPOINTS, 20K ROM, 2K RAM, I2C, SCI, & MFT
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92163L Datasheet(HTML) 55 Page - STMicroelectronics

Back Button ST92163L Datasheet HTML 51Page - STMicroelectronics ST92163L Datasheet HTML 52Page - STMicroelectronics ST92163L Datasheet HTML 53Page - STMicroelectronics ST92163L Datasheet HTML 54Page - STMicroelectronics ST92163L Datasheet HTML 55Page - STMicroelectronics ST92163L Datasheet HTML 56Page - STMicroelectronics ST92163L Datasheet HTML 57Page - STMicroelectronics ST92163L Datasheet HTML 58Page - STMicroelectronics ST92163L Datasheet HTML 59Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 224 page
background image
55/224
ST92163 - INTERRUPTS
EXTERNAL INTERRUPTS (Cont’d)
Figure 27. External Interrupts Control Bits and Vectors
INTA0
request
VECTOR
Priority level
Mask bit
Pending bit
IMA0
IPA0
V7 V6 V5 V4 0
00 X
“0”
“1”
IA0S
Watchdog/Timer
End of count
INT 0 pin
INT A1
request
TEA1
INT 1 pin
INT B0
request
INT 2 pin
INT B1
request
TEB1
INT 3 pin
INT C0
request
INT 4 pin
INT C1
request
TEC1
INT 5 pin
INT D0
request
TED0
INT 6 pin
INT D1
request
P3.[7:0]
VECTOR
Priority level
Mask bit
Pending bit
IMA1
IPA1
V7 V6 V5 V4 0
0
1
X
V7 V6 V5 V4 0
1
0X
V7 V6 V5 V4 0
11
X
V7 V6 V5 V4 1
0
0
X
V7 V6 V5 V4 1
0
1 X
V7 V6 V5 V4 1
1
0 X
V7 V6 V5 V4 1
11
X
VECTO R
Priority level
VECTOR
Priority level
VECTO R
Priority level
VECTOR
Priority level
VECTOR
Priority level
VECTOR
Priority level
Mask bit
IMB0
Pending bit IPB0
Pending bit IPB1
Pending bit IPC0
Pending bit IPC1
Pending bit IPD0
Pending bit IPD1
Mask bit IMB1
Mask bit
IMC0
Mask bit
IMC1
Mask bit IMD0
Mask bit
IMD1
* Shared channels, see warning
*
AD-INT
ADC
“1”
“0”
INT_SEL
RCCU
“1”
“0”
TEA 0
TEC0
TEB0
*
*
INT 7 pins
0
PL2A PL1A
0
PL2B PL1B
1
PL2A PL1A
1
PL2B PL1B
0
PL2C PL1C
1
PL2C PL1C
0
PL2D PL1D
1
PL2D PL1D
“0”
“1”
ID1S
*
Wake-up
Controller
WKUP
[13:0] pins
TED1
WKUP14
P1.[7:0]
pins



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com