Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92163L Datasheet(PDF) 84 Page - STMicroelectronics

Part # ST92163L
Description  8/16-BIT FULL SPEED USB MCU FOR COMPOSITE DEVICES WITH 16 ENDPOINTS, 20K ROM, 2K RAM, I2C, SCI, & MFT
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92163L Datasheet(HTML) 84 Page - STMicroelectronics

Back Button ST92163L Datasheet HTML 80Page - STMicroelectronics ST92163L Datasheet HTML 81Page - STMicroelectronics ST92163L Datasheet HTML 82Page - STMicroelectronics ST92163L Datasheet HTML 83Page - STMicroelectronics ST92163L Datasheet HTML 84Page - STMicroelectronics ST92163L Datasheet HTML 85Page - STMicroelectronics ST92163L Datasheet HTML 86Page - STMicroelectronics ST92163L Datasheet HTML 87Page - STMicroelectronics ST92163L Datasheet HTML 88Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 224 page
background image
84/224
ST92163 - RESET AND CLOCK CONTROL UNIT (RCCU)
Figure 40. RCCU Timing during STOP (CK_AF System Clock)
Figure 41. Low Power Mode with a Stopped Quartz Oscillator
STOP
Xtal
clock
pin
((N-1)*512+510) x TXtal(**)
4xTsys
Quartz
start-up
Exit from
STOP
510 x TXtal(*)
Acknowledged
(*) if DIV2 =1
RC osc
clock
(**) +/- 1 TXtal
INTCLK
RESE T
CK_AF
selected
CKAF_SEL<-1
INTCLK
WFI state
Multiplier
clock
Xtal
clock
Interrupt
Xtal restart time
PLL Lock-in time
Tsys=2 xTXtal
PLLl
With: DIV2=1
RC osc
clock
(Tsys =TCK_AF)
XTSTO P<-0
CSU_CKSEL<-1
CKAF_SEL<-0
PLL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com