Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92163L Datasheet(PDF) 76 Page - STMicroelectronics

Part # ST92163L
Description  8/16-BIT FULL SPEED USB MCU FOR COMPOSITE DEVICES WITH 16 ENDPOINTS, 20K ROM, 2K RAM, I2C, SCI, & MFT
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92163L Datasheet(HTML) 76 Page - STMicroelectronics

Back Button ST92163L Datasheet HTML 72Page - STMicroelectronics ST92163L Datasheet HTML 73Page - STMicroelectronics ST92163L Datasheet HTML 74Page - STMicroelectronics ST92163L Datasheet HTML 75Page - STMicroelectronics ST92163L Datasheet HTML 76Page - STMicroelectronics ST92163L Datasheet HTML 77Page - STMicroelectronics ST92163L Datasheet HTML 78Page - STMicroelectronics ST92163L Datasheet HTML 79Page - STMicroelectronics ST92163L Datasheet HTML 80Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 224 page
background image
76/224
ST92163 - RESET AND CLOCK CONTROL UNIT (RCCU)
Figure 35. ST92163 Clock Distribution Diagram
8 MHz
PLL
1/ 16
x
/2
DIV2=0
1/2
Oscillator
MX1=0 MX0=1
CSU_CKSEL=1
6
XT_DIV16=1
01
0
1
0
1
RCCU
24 MHz INTCLK
CLOCK2
3-bit Prescaler
CPU
MFT
1/3
1...2 56
(Max INTCLK/3)
USB INTERFACE
Baud Rate
Generato r
1/N
N=2...(216-1)
SCI
1/4
WDG
CPUCLK
EMBEDDED MEMORY
RAM
EPROM/ROM/OTP
I2C
STD
FAST
1/N
1/N
N=4,6, 8...258
N=6,9,12...387
Fscl
≤100 kHz
Fscl
≤ 400 kHz
Fscl > 100 kHz
1...8
A/D
1...2 56
P6.2
Quartz
DX2=0 DX1=0 DX0=2
(TxIN A/TxINB)
48 MHz
01
1/16
RC
oscillator
0
1
WFI and LPOWFI=1 and WFI_CKSEL = 1
CK_AF
and WFI_CKSEL=1
or CK_ST=1
and LPOWFI=1
WFI
Internal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com