Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92163L Datasheet(PDF) 86 Page - STMicroelectronics

Part # ST92163L
Description  8/16-BIT FULL SPEED USB MCU FOR COMPOSITE DEVICES WITH 16 ENDPOINTS, 20K ROM, 2K RAM, I2C, SCI, & MFT
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92163L Datasheet(HTML) 86 Page - STMicroelectronics

Back Button ST92163L Datasheet HTML 82Page - STMicroelectronics ST92163L Datasheet HTML 83Page - STMicroelectronics ST92163L Datasheet HTML 84Page - STMicroelectronics ST92163L Datasheet HTML 85Page - STMicroelectronics ST92163L Datasheet HTML 86Page - STMicroelectronics ST92163L Datasheet HTML 87Page - STMicroelectronics ST92163L Datasheet HTML 88Page - STMicroelectronics ST92163L Datasheet HTML 89Page - STMicroelectronics ST92163L Datasheet HTML 90Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 224 page
background image
86/224
ST92163 - RESET AND CLOCK CONTROL UNIT (RCCU)
5.6 RESET/STOP MANAGER
The Reset/Stop Manager resets the MCU when
one of the three following events occurs:
– A Hardware reset, initiated by a low level on the
Reset pin.
– A Software reset, initiated by a HALT instruction
(when enabled).
– A Watchdog end of count condition.
The event which caused the last Reset is flagged
in the CLK_FLAG register, by setting the SOF-
TRES or the WDGRES bits respectively; a hard-
ware initiated reset will leave both these bits reset.
The hardware reset overrides all other conditions
and forces the ST9 to the reset state. During Re-
set, the internal registers are set to their reset val-
ues, where these are defined, and the I/O pins are
set to the Bidirectional Weak Pull-up mode.
Reset is asynchronous: as soon as the reset pin is
driven low, a Reset cycle is initiated.
Figure 45. Oscillator Start-up Sequence and Reset Timing
VDD MAX
VDD MIN
OSCIN
INTCLK
RESET
OSCOUT
PIN
10ms
VR02085A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com