Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92163L Datasheet(PDF) 80 Page - STMicroelectronics

Part # ST92163L
Description  8/16-BIT FULL SPEED USB MCU FOR COMPOSITE DEVICES WITH 16 ENDPOINTS, 20K ROM, 2K RAM, I2C, SCI, & MFT
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92163L Datasheet(HTML) 80 Page - STMicroelectronics

Back Button ST92163L Datasheet HTML 76Page - STMicroelectronics ST92163L Datasheet HTML 77Page - STMicroelectronics ST92163L Datasheet HTML 78Page - STMicroelectronics ST92163L Datasheet HTML 79Page - STMicroelectronics ST92163L Datasheet HTML 80Page - STMicroelectronics ST92163L Datasheet HTML 81Page - STMicroelectronics ST92163L Datasheet HTML 82Page - STMicroelectronics ST92163L Datasheet HTML 83Page - STMicroelectronics ST92163L Datasheet HTML 84Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 224 page
background image
80/224
ST92163 - RESET AND CLOCK CONTROL UNIT (RCCU)
Figure 38. Example of Low Power Mode programming
Begin
WFI_CKSEL
← 1
WFI status
User’s Program
LPOWFI
← 1
User’s Program
WFI
End
PROGRAM FLOW
COMMENTS
SYSTEM CLOCK FREQUENCY
Interrupt
Quartz not divided by 2
PLL multiply factor
Multiplier divider’s factor set
Wait for the
CK_AF clock selected when WFI
Wait For Interrupt
No code is executed until
Interrupt served
fixed to 6.
to 2, and PLL turned ON
an interrupt is requested
Low Power Mode enabled
Main code execution
continued
8 MHz
24 MHz
8 MHz
24 MHz
** T2 = Quartz oscillator start-up time
*T1 = PLL lock-in time
T1*
T2**
T1*
FQ=8 MHz, Vcc=5 V and T=25°C
RC
WAIT
DX2-0
← 001
Xtal is selected to
restart the PLL quickly
CSU_CKSEL
1
PLL is
system clock source
CSU_CKSEL<- 1
while the CK_AF is
the system clock
CKAF_SEL <- 0
The system CK
switches to Xtal
The PLL is locked
and becomes the
system clock
XTSTOP
← 0
To restart Xtal and PLL
To stop PLL and Xtal when
a WFI occurs
XTSTOP
← 1
PLL locking
SET UP AFTER RESET PHASE:
DIV2
= 0
XTSTOP = 0
MX(1:0)
= 01
CSU_CKSEL =0
Interrupt
WAIT
Routine
(LOCK->1)
oscillator
RC
oscillator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com