Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92163L Datasheet(PDF) 83 Page - STMicroelectronics

Part # ST92163L
Description  8/16-BIT FULL SPEED USB MCU FOR COMPOSITE DEVICES WITH 16 ENDPOINTS, 20K ROM, 2K RAM, I2C, SCI, & MFT
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92163L Datasheet(HTML) 83 Page - STMicroelectronics

Back Button ST92163L Datasheet HTML 79Page - STMicroelectronics ST92163L Datasheet HTML 80Page - STMicroelectronics ST92163L Datasheet HTML 81Page - STMicroelectronics ST92163L Datasheet HTML 82Page - STMicroelectronics ST92163L Datasheet HTML 83Page - STMicroelectronics ST92163L Datasheet HTML 84Page - STMicroelectronics ST92163L Datasheet HTML 85Page - STMicroelectronics ST92163L Datasheet HTML 86Page - STMicroelectronics ST92163L Datasheet HTML 87Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 224 page
background image
83/224
ST92163 - RESET AND CLOCK CONTROL UNIT (RCCU)
PLL CONFIGURATION REGISTER (PLLCONF)
R246 - Read/Write
Register Page: 55
Reset Value: xx00 x111
Bit 7:6 = Reserved.
Bit 5:4 = MX[1:0]:
PLL Multiplication Factor.
Refer to Table 14 for multiplier settings.
Bit 3 = Reserved.
Bit 2:0 = DX[2:0]:
PLL output clock divider factor.
Refer to Table 15 for divider settings.
Table 14. PLL Multiplication Factors
Table 15. Divider Configuration
Figure 39. RCCU General Timing
70
-
-
MX1
MX0
-
DX2
DX1
DX0
MX1
MX0
CLOCK2 x
10
14
00
10
11
8
01
6
DX2
DX1
DX0
CK
0
0
0
PLL CLOCK/1
0
0
1
PLL CLOCK/2
0
1
0
PLL CLOCK/3
0
1
1
PLL CLOCK/4
1
0
0
PLL CLOCK/5
1
0
1
PLL CLOCK/6
1
1
0
PLL CLOCK/7
11
1
CLOCK2
(PLL OFF, Reset State)
STOP
Acknowledged
STOP
External
Multiplier
Xtal
INTCLK
Internal
reset
clock
clock
RESET
pin
PLL selected by user
((N-1)*512+510)xT Xtal(**)
PLL
Lock-in
time
PLL
Lock-in
time
4xTsys
Quartz
start-up
Exit from RESET
510 x TXtal(*)
(*) if DIV2 =1
Switch to
PLL clock
(**) +/- 1 TXtal
PLL turned on by user
Xtal/2
PLL
PLL
Xtal/2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com