Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92163L Datasheet(PDF) 16 Page - STMicroelectronics

Part # ST92163L
Description  8/16-BIT FULL SPEED USB MCU FOR COMPOSITE DEVICES WITH 16 ENDPOINTS, 20K ROM, 2K RAM, I2C, SCI, & MFT
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92163L Datasheet(HTML) 16 Page - STMicroelectronics

Back Button ST92163L Datasheet HTML 12Page - STMicroelectronics ST92163L Datasheet HTML 13Page - STMicroelectronics ST92163L Datasheet HTML 14Page - STMicroelectronics ST92163L Datasheet HTML 15Page - STMicroelectronics ST92163L Datasheet HTML 16Page - STMicroelectronics ST92163L Datasheet HTML 17Page - STMicroelectronics ST92163L Datasheet HTML 18Page - STMicroelectronics ST92163L Datasheet HTML 19Page - STMicroelectronics ST92163L Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 224 page
background image
16/224
ST92163 - GENERAL DESCRIPTION
P5.0
All ports useable
for general pur-
pose I/O (input,
output or bidirec-
tional)
50 34
INT1
I
External Interrupt 1
TINA
I
MF Timer Input A
O
P5.1
49 31
INT4
I
External Interrupt 4
TINB
I
MF Timer Input B
O
P5.2
48 30 INT3
I
External Interrupt 3
P5.3
47 29
INT2
I
External Interrupt 2
TOUTA
O
MF Timer Output A
P5.4
46 28
WKUP8
I
Wakeup Line 8
USBOE
O
USB Output enable
P5.5
45 27
WDIN
I
Watchdog Timer Input
INT0
I
External Interrupt 0
RW
O
Ext. Mem. Read/Write Mode Select
P5.6
44 26
WKUP9
I
Wakeup Line 9
TOUTB
O
MF Timer Output B
P5.7
43 25
NMI
I
Non Maskable Interrupt
WDOUT
O
Watchdog Timer Output
P6.0
38 20
WKUP10
I
Wakeup Line 10
INT5
I
External Interrupt 5
SDAI
I
I2C Bus Data In
SDAO
O
I2C Bus Data Out
P6.1
37 19
WKUP11
I
Wakeup Line 11
INT6
I
External Interrupt 6
SCLI
I
I2C Bus Clock In
EXTRG
I
A/D External Trigger
SCLO
O
I2C Bus Clock Out
P6.2
36 18
AIN0
I
A/D Analog Input 0
WKUP12
I
Wakeup Line 12
INTCLK
O
Internal Clock
P6.3
34 16
WKUP13
I
Wakeup Line 13
AIN1
I
A/D Analog Input 1
O
Port
Name
General
Purpose I/O
Pin
No.
Alternate Functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com