Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92F120JR9T Datasheet(PDF) 198 Page - STMicroelectronics

Part # ST92F120JR9T
Description  8/16-BIT FLASH MCU FAMILY WITH RAM, EEPROM AND J1850 BLPD
PDF  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92F120JR9T Datasheet(HTML) 198 Page - STMicroelectronics

Back Button ST92F120JR9T Datasheet HTML 194Page - STMicroelectronics ST92F120JR9T Datasheet HTML 195Page - STMicroelectronics ST92F120JR9T Datasheet HTML 196Page - STMicroelectronics ST92F120JR9T Datasheet HTML 197Page - STMicroelectronics ST92F120JR9T Datasheet HTML 198Page - STMicroelectronics ST92F120JR9T Datasheet HTML 199Page - STMicroelectronics ST92F120JR9T Datasheet HTML 200Page - STMicroelectronics ST92F120JR9T Datasheet HTML 201Page - STMicroelectronics ST92F120JR9T Datasheet HTML 202Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 198 / 320 page
background image
198/320
SERIAL COMMUNICATIONS INTERFACE (SCI)
SERIAL COMMUNICATIONS INTERFACE (Cont’d)
10.5.10 Register Description
The SCI registers are located in the following pag-
es in the ST9:
SCI number 0: page 24 (18h)
SCI number 1: page 25 (19h) (when present)
The SCI is controlled by the following registers:
Address
Register
R240 (F0h)
Receiver DMA Transaction Counter Pointer Register
R241 (F1h)
Receiver DMA Source Address Pointer Register
R242 (F2h)
Transmitter DMA Transaction Counter Pointer Register
R243 (F3h)
Transmitter DMA Destination Address Pointer Register
R244 (F4h)
Interrupt Vector Register
R245 (F5h)
Address Compare Register
R246 (F6h)
Interrupt Mask Register
R247 (F7h)
Interrupt Status Register
R248 (F8h)
Receive Buffer Register same Address as Transmitter Buffer Register (Read Only)
R248 (F8h)
Transmitter Buffer Register same Address as Receive Buffer Register (Write only)
R249 (F9h)
Interrupt/DMA Priority Register
R250 (FAh)
Character Configuration Register
R251 (FBh)
Clock Configuration Register
R252 (FCh)
Baud Rate Generator High Register
R253 (FDh)
Baud Rate Generator Low Register
R254 (FEh)
Synchronous Input Control Register
R255 (FFh)
Synchronous Output Control Register
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com