Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92F120JR9T Datasheet(PDF) 199 Page - STMicroelectronics

Part # ST92F120JR9T
Description  8/16-BIT FLASH MCU FAMILY WITH RAM, EEPROM AND J1850 BLPD
PDF  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92F120JR9T Datasheet(HTML) 199 Page - STMicroelectronics

Back Button ST92F120JR9T Datasheet HTML 195Page - STMicroelectronics ST92F120JR9T Datasheet HTML 196Page - STMicroelectronics ST92F120JR9T Datasheet HTML 197Page - STMicroelectronics ST92F120JR9T Datasheet HTML 198Page - STMicroelectronics ST92F120JR9T Datasheet HTML 199Page - STMicroelectronics ST92F120JR9T Datasheet HTML 200Page - STMicroelectronics ST92F120JR9T Datasheet HTML 201Page - STMicroelectronics ST92F120JR9T Datasheet HTML 202Page - STMicroelectronics ST92F120JR9T Datasheet HTML 203Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 199 / 320 page
background image
199/320
SERIAL COMMUNICATIONS INTERFACE (SCI)
SERIAL COMMUNICATIONS INTERFACE (Cont’d)
RECEIVER DMA COUNTER POINTER (RDCPR)
R240 - Read/Write
Reset value: undefined
Bit 7:1 = RC[7:1]:
Receiver DMA Counter Pointer.
These bits contain the address of the receiver
DMA transaction counter in the Register File.
Bit 0 = RR/M:
Receiver Register File/Memory Se-
lector.
0: Select Memory space as destination.
1: Select the Register File as destination.
RECEIVER DMA ADDRESS POINTER (RDAPR)
R241 - Read/Write
Reset value: undefined
Bit 7:1 = RA[7:1]:
Receiver DMA Address Pointer.
These bits contain the address of the pointer (in
the Register File) of the receiver DMA data source.
Bit 0 = RPS:
Receiver DMA Memory Pointer Se-
lector.
This bit is only significant if memory has been se-
lected for DMA transfers (RR/M = 0 in the RDCPR
register).
0: Select ISR register for receiver DMA transfers
address extension.
1: Select DMASR register for receiver DMA trans-
fers address extension.
TRANSMITTER DMA COUNTER POINTER
(TDCPR)
R242 - Read/Write
Reset value: undefined
Bit 7:1 = TC[7:1]:
Transmitter DMA Counter Point-
er.
These bits contain the address of the transmitter
DMA transaction counter in the Register File.
Bit 0 = TR/M:
Transmitter Register File/Memory
Selector.
0: Select Memory space as source.
1: Select the Register File as source.
TRANSMITTER DMA ADDRESS POINTER
(TDAPR)
R243 - Read/Write
Reset value: undefined
Bit 7:1 = TA[7:1]:
Transmitter DMA Address Point-
er.
These bits contain the address of the pointer (in
the Register File) of the transmitter DMA data
source.
Bit 0 = TPS:
Transmitter DMA Memory Pointer Se-
lector.
This bit is only significant if memory has been se-
lected for DMA transfers (TR/M = 0 in the TDCPR
register).
0: Select ISR register for transmitter DMA transfers
address extension.
1: Select DMASR register for transmitter DMA
transfers address extension.
70
RC7
RC6
RC5
RC4
RC3
RC2
RC1
RR/M
70
RA7
RA6
RA5
RA4
RA3
RA2
RA1
RPS
70
TC7
TC6
TC5
TC4
TC3
TC2
TC1
TR/M
70
TA7
TA6
TA5
TA4
TA3
TA2
TA1
TPS
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com