Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92F120JR9T Datasheet(PDF) 201 Page - STMicroelectronics

Part # ST92F120JR9T
Description  8/16-BIT FLASH MCU FAMILY WITH RAM, EEPROM AND J1850 BLPD
PDF  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92F120JR9T Datasheet(HTML) 201 Page - STMicroelectronics

Back Button ST92F120JR9T Datasheet HTML 197Page - STMicroelectronics ST92F120JR9T Datasheet HTML 198Page - STMicroelectronics ST92F120JR9T Datasheet HTML 199Page - STMicroelectronics ST92F120JR9T Datasheet HTML 200Page - STMicroelectronics ST92F120JR9T Datasheet HTML 201Page - STMicroelectronics ST92F120JR9T Datasheet HTML 202Page - STMicroelectronics ST92F120JR9T Datasheet HTML 203Page - STMicroelectronics ST92F120JR9T Datasheet HTML 204Page - STMicroelectronics ST92F120JR9T Datasheet HTML 205Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 201 / 320 page
background image
201/320
SERIAL COMMUNICATIONS INTERFACE (SCI)
SERIAL COMMUNICATIONS INTERFACE (Cont’d)
INTERRUPT MASK REGISTER (IMR)
R246 - Read/Write
Reset value: 0xx00000
Bit 7 = BSN:
Buffer or shift register empty inter-
rupt.
This bit selects the source of the transmitter regis-
ter empty interrupt.
0: Select a Shift Register Empty as source of a
Transmitter Register Empty interrupt.
1: Select a Buffer Register Empty as source of a
Transmitter Register Empty interrupt.
Bit 6 = RXEOB:
Received End of Block.
This bit is set by hardware only and must be reset
by software. RXEOB is set after a receiver DMA
cycle to mark the end of a data block.
0: Clear the interrupt request.
1: Mark the end of a received block of data.
Bit 5 = TXEOB:
Transmitter End of Block.
This bit is set by hardware only and must be reset
by software. TXEOB is set after a transmitter DMA
cycle to mark the end of a data block.
0: Clear the interrupt request.
1: Mark the end of a transmitted block of data.
Bit 4 = RXE:
Receiver Error Mask.
0: Disable Receiver error interrupts (OE, PE, and
FE pending bits in the S_ISR register).
1: Enable Receiver error interrupts.
Bit 3 = RXA:
Receiver Address Mask.
0: Disable Receiver Address interrupt (RXAP
pending bit in the S_ISR register).
1: Enable Receiver Address interrupt.
Bit 2 = RXB:
Receiver Break Mask.
0: Disable Receiver Break interrupt (RXBP pend-
ing bit in the S_ISR register).
1: Enable Receiver Break interrupt.
Bit 1 = RXDI:
Receiver Data Interrupt Mask.
0: Disable Receiver Data Pending and Receiver
End of Block interrupts (RXDP and RXEOB
pending bits in the S_ISR register).
1: Enable Receiver Data Pending and Receiver
End of Block interrupts.
Note: RXDI has no effect on DMA transfers.
Bit 0 = TXDI:
Transmitter Data Interrupt Mask.
0: Disable Transmitter Buffer Register Empty,
Transmitter Shift Register Empty, or Transmitter
End of Block interrupts (TXBEM, TXSEM, and
TXEOB bits in the S_ISR register).
1: Enable Transmitter Buffer Register Empty,
Transmitter Shift Register Empty, or Transmitter
End of Block interrupts.
Note: TXDI has no effect on DMA transfers.
70
BSN
RXEOB TXEOB
RXE
RXA
RXB
RXDI
TXDI
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com