Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92F120JR9T Datasheet(PDF) 204 Page - STMicroelectronics

Part # ST92F120JR9T
Description  8/16-BIT FLASH MCU FAMILY WITH RAM, EEPROM AND J1850 BLPD
PDF  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92F120JR9T Datasheet(HTML) 204 Page - STMicroelectronics

Back Button ST92F120JR9T Datasheet HTML 200Page - STMicroelectronics ST92F120JR9T Datasheet HTML 201Page - STMicroelectronics ST92F120JR9T Datasheet HTML 202Page - STMicroelectronics ST92F120JR9T Datasheet HTML 203Page - STMicroelectronics ST92F120JR9T Datasheet HTML 204Page - STMicroelectronics ST92F120JR9T Datasheet HTML 205Page - STMicroelectronics ST92F120JR9T Datasheet HTML 206Page - STMicroelectronics ST92F120JR9T Datasheet HTML 207Page - STMicroelectronics ST92F120JR9T Datasheet HTML 208Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 204 / 320 page
background image
204/320
SERIAL COMMUNICATIONS INTERFACE (SCI)
SERIAL COMMUNICATIONS INTERFACE (Cont’d)
INTERRUPT/DMA PRIORITY REGISTER (IDPR)
R249 - Read/Write
Reset value: undefined
Bit 7 = AMEN:
Address Mode Enable.
This bit, together with the AM bit (in the CHCR reg-
ister), decodes the desired addressing/9th data
bit/character match operation.
In Address mode the SCI monitors the input serial
data until its address is detected
Note: Upon reception of address, the RXAP bit (in
the Interrupt Status Register) is set and an inter-
rupt cycle can begin. The address character will
not be transferred into the Receiver Buffer Regis-
ter but all data following the matched SCI address
and preceding the next address word will be trans-
ferred to the Receiver Buffer Register and the
proper interrupts updated. If the address does not
match, all data following this unmatched address
will not be transferred to the Receiver Buffer Reg-
ister.
In any of the cases the RXAP bit must be reset by
software before the next word is transferred into
the Buffer Register.
When AMEN is reset and AM is set, a useful char-
acter search function is performed. This allows the
SCI to generate an interrupt whenever a specific
character is encountered (e.g. Carriage Return).
Bit 6 = SB:
Set Break.
0: Stop the break transmission after minimum
break length.
1: Transmit a break following the transmission of all
data in the Transmitter Shift Register and the
Buffer Register.
Note: The break will be a low level on the transmit-
ter data output for at least one complete word for-
mat. If software does not reset SB before the min-
imum break length has finished, the break condi-
tion will continue until software resets SB. The SCI
terminates the break condition with a high level on
the transmitter data output for one transmission
clock period.
Bit 5 = SA:
Set Address.
If an address/9th data bit mode is selected, SA val-
ue will be loaded for transmission into the Shift
Register. This bit is cleared by hardware after its
load.
0: Indicate it is not an address word.
1: Indicate an address word.
Note: Proper procedure would be, when the
Transmitter Buffer Register is empty, to load the
value of SA and then load the data into the Trans-
mitter Buffer Register.
Bit 4 = RXD:
Receiver DMA Mask.
This bit is reset by hardware when the transaction
counter value decrements to zero. At that time a
receiver End of Block interrupt can occur.
0: Disable Receiver DMA request (the RXDP bit in
the S_ISR register can request an interrupt).
1: Enable Receiver DMA request (the RXDP bit in
the S_ISR register can request a DMA transfer).
Bit 3 = TXD:
Transmitter DMA Mask.
This bit is reset by hardware when the transaction
counter value decrements to zero. At that time a
transmitter End Of Block interrupt can occur.
0: Disable Transmitter DMA request (TXBEM or
TXSEM bits in S_ISR can request an interrupt).
1: Enable Transmitter DMA request (TXBEM or
TXSEM bits in S_ISR can request a DMA trans-
fer).
Bit 2:0 = PRL[2:0]:
SCI Interrupt/DMA Priority bits.
The
priority
for
the
SCI
is
encoded
with
(PRL2,PRL1,PRL0). Priority level 0 is the highest,
while level 7 represents no priority.
When the user has defined a priority level for the
SCI, priorities within the SCI are hardware defined.
These SCI internal priorities are:
70
AMEN
SB
SA
RXD
TXD
PRL2
PRL1
PRL0
AMEN
AM
0
0
Address interrupt if 9th data bit = 1
0
1
Address interrupt if character match
10
Address interrupt if character match
and 9th data bit =1
11
Address interrupt if character match
with word immediately following Break
Receiver DMA request
highest priority
Transmitter DMA request
Receiver interrupt
Transmitter interrupt
lowest priority
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com