Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92F120JR9T Datasheet(PDF) 208 Page - STMicroelectronics

Part # ST92F120JR9T
Description  8/16-BIT FLASH MCU FAMILY WITH RAM, EEPROM AND J1850 BLPD
PDF  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92F120JR9T Datasheet(HTML) 208 Page - STMicroelectronics

Back Button ST92F120JR9T Datasheet HTML 204Page - STMicroelectronics ST92F120JR9T Datasheet HTML 205Page - STMicroelectronics ST92F120JR9T Datasheet HTML 206Page - STMicroelectronics ST92F120JR9T Datasheet HTML 207Page - STMicroelectronics ST92F120JR9T Datasheet HTML 208Page - STMicroelectronics ST92F120JR9T Datasheet HTML 209Page - STMicroelectronics ST92F120JR9T Datasheet HTML 210Page - STMicroelectronics ST92F120JR9T Datasheet HTML 211Page - STMicroelectronics ST92F120JR9T Datasheet HTML 212Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 208 / 320 page
background image
208/320
SERIAL COMMUNICATIONS INTERFACE (SCI)
SERIAL COMMUNICATIONS INTERFACE (Cont’d)
SYNCHRONOUS OUTPUT CONTROL (SOCR)
R255 - Read/Write
Reset value: 0000 0001 (01h)
Bit 7 = OUTPL:
SOUT Output Polarity.
0: Polarity not inverted.
1: Polarity inverted.
Note: OUTPL only affects the data sent by the
transmitter section. In Auto-Echo mode SOUT =
SIN even if OUTPL=1. In Loop-Back mode, the
state of OUTPL is irrelevant.
Bit 6 = OUTSB:
SOUT Output Stand-By Level.
0: SOUT stand-by level is HIGH.
1: SOUT stand-by level is LOW.
Bit 5 = OCKPL:
Transmitter Clock Polarity.
0: CLKOUT is active on the rising edge.
1: CLKOUT is active on the falling edge.
Note: OCKPL only affects the transmitter clock. In
Auto-Echo mode CLKOUT = RXCLK independ-
ently of the state of OCKPL. In Loop-Back mode
the state of OCKPL is irrelevant.
Bit 4 = OCKSB:
Transmitter Clock Stand-By Lev-
el.
0: The CLKOUT stand-by level is HIGH.
1: The CLKOUT stand-by level is LOW.
Bit 3 = RTSEN:
RTS and SDS Output Enable.
0: Disable the RTS and SDS hardware synchroni-
sation.
1: Enable the RTS and SDS hardware synchroni-
sation.
Notes:
– When RTSEN is set, the RTS output becomes
active just before the first active edge of CLK-
OUT and indicates to target device that the MCU
is about to send a synchronous frame; it returns
to its stand-by value just after the last active edge
of CLKOUT (MSB transmitted).
– When RTSEN is set, the SDS output becomes
active high and indicates to the target device that
the MCU is about to send the first bit of a syn-
chronous frame on the Serial Output Pin
(SOUT); it returns to low level as soon as the
second bit is sent on the Serial Output Pin
(SOUT). In this way a positive pulse is generated
each time that the first bit of a synchronous frame
is present on the Serial Output Pin (SOUT).
Bit 2 = RTSPL:
RTS Output Polarity.
0: The RTS output is active when LOW.
1: The RTS output is active when HIGH.
Note: RTSPL only affects the RTS activity on the
output pin. In Auto-Echo mode RTS = DCD inde-
pendently from the RTSPL value. In Loop-Back
mode RTSPL value is ’Don’t Care’.
Bit 1 = OUTDIS:
Disable all outputs.
This feature is available on specific devices only
(see device pin-out description).
When OUTDIS=1, all output pins (if configured in
Alternate Function mode) will be put in High Im-
pedance for networking.
0: SOUT/CLKOUT/enabled
1: SOUT/CLKOUT/RTS put in high impedance
Bit 0 = “Don’t Care”
70
OUTP
L
OUTS
B
OCKP
L
OCKS
B
RTSE
N
RTS
PL
OUT
DIS
X
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com