Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92F120JR9T Datasheet(PDF) 206 Page - STMicroelectronics

Part # ST92F120JR9T
Description  8/16-BIT FLASH MCU FAMILY WITH RAM, EEPROM AND J1850 BLPD
PDF  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92F120JR9T Datasheet(HTML) 206 Page - STMicroelectronics

Back Button ST92F120JR9T Datasheet HTML 202Page - STMicroelectronics ST92F120JR9T Datasheet HTML 203Page - STMicroelectronics ST92F120JR9T Datasheet HTML 204Page - STMicroelectronics ST92F120JR9T Datasheet HTML 205Page - STMicroelectronics ST92F120JR9T Datasheet HTML 206Page - STMicroelectronics ST92F120JR9T Datasheet HTML 207Page - STMicroelectronics ST92F120JR9T Datasheet HTML 208Page - STMicroelectronics ST92F120JR9T Datasheet HTML 209Page - STMicroelectronics ST92F120JR9T Datasheet HTML 210Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 206 / 320 page
background image
206/320
SERIAL COMMUNICATIONS INTERFACE (SCI)
SERIAL COMMUNICATIONS INTERFACE (Cont’d)
CLOCK CONFIGURATION REGISTER (CCR)
R251 - Read/Write
Reset value: 0000 0000 (00h)
Bit 7 = XTCLK
This bit, together with the OCLK bit, selects the
source for the transmitter clock. The following ta-
ble shows the coding of XTCLK and OCLK.
Bit 6 = OCLK
This bit, together with the XTCLK bit, selects the
source for the transmitter clock. The following ta-
ble shows the coding of XTCLK and OCLK.
Bit 5 = XRX:
External Receiver Clock Source.
0: External receiver clock source not used.
1: Select the external receiver clock source.
Note: The external receiver clock frequency must
be 16 times the data rate, or equal to the data rate,
depending on the status of the CD bit.
Bit 4 = XBRG:
Baud Rate Generator Clock
Source.
0: Select INTCLK for the baud rate generator.
1: Select the external receiver clock for the baud
rate generator.
Bit 3 = CD:
Clock Divisor.
The status of CD will determine the SCI configura-
tion (synchronous/asynchronous).
0: Select 16X clock mode for both receiver and
transmitter.
1: Select 1X clock mode for both receiver and
transmitter.
Note: In 1X clock mode, the transmitter will trans-
mit data at one data bit per clock period. In 16X
mode each data bit period will be 16 clock periods
long.
Bit 2 = AEN:
Auto Echo Enable.
0: No auto echo mode.
1: Put the SCI in auto echo mode.
Note: Auto Echo mode has the following effect:
the SCI transmitter is disconnected from the data-
out pin SOUT, which is driven directly by the re-
ceiver data-in pin, SIN. The receiver remains con-
nected to SIN and is operational, unless loopback
mode is also selected.
Bit 1 = LBEN:
Loopback Enable.
0: No loopback mode.
1: Put the SCI in loopback mode.
Note: In this mode, the transmitter output is set to
a high level, the receiver input is disconnected,
and the output of the Transmitter Shift Register is
looped back into the Receiver Shift Register input.
All interrupt sources (transmitter and receiver) are
operational.
Bit 0 = STPEN:
Stick Parity Enable.
0: The transmitter and the receiver will follow the
parity of even parity bit EP in the CHCR register.
1: The transmitter and the receiver will use the op-
posite parity type selected by the even parity bit
EP in the CHCR register.
70
XTCLK
OCLK
XRX
XBRG
CD
AEN
LBEN
STPE N
XTCLK
OCLK
Pin Fun ction
0
0
Pin is used as a general I/O
0
1
Pin = TXCLK (used as an input)
10
Pin = CLKOUT (outputs the Baud
Rate Generator clock)
11
Pin = CLKOUT (outputs the Serial
expansion and synchronous
mode clock)
EP
SPEN
Parity (Transmitter &
Receiver)
0 (odd)
0
Odd
1 (even)
0
Even
0 (odd)
1
Even
1 (even)
1
Odd
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com