Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92F120JR9T Datasheet(PDF) 289 Page - STMicroelectronics

Part # ST92F120JR9T
Description  8/16-BIT FLASH MCU FAMILY WITH RAM, EEPROM AND J1850 BLPD
PDF  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92F120JR9T Datasheet(HTML) 289 Page - STMicroelectronics

Back Button ST92F120JR9T Datasheet HTML 285Page - STMicroelectronics ST92F120JR9T Datasheet HTML 286Page - STMicroelectronics ST92F120JR9T Datasheet HTML 287Page - STMicroelectronics ST92F120JR9T Datasheet HTML 288Page - STMicroelectronics ST92F120JR9T Datasheet HTML 289Page - STMicroelectronics ST92F120JR9T Datasheet HTML 290Page - STMicroelectronics ST92F120JR9T Datasheet HTML 291Page - STMicroelectronics ST92F120JR9T Datasheet HTML 292Page - STMicroelectronics ST92F120JR9T Datasheet HTML 293Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 289 / 320 page
background image
289/320
EIGHT-CHANNEL ANALOG TO DIGITAL CONVERTER (A/D)
ANALOG TO DIGITAL CONVERTER (Cont’d)
CHANNEL 6 LOWER THRESHOLD REGISTER
(LT6R)
R248 - Read/Write
Register Page: 63
Reset Value: undefined
Bit 7:0 = LT6.[7:0]:
Channel 6 Lower Threshold
User-defined lower threshold value for Channel 6,
to be compared with the conversion results.
CHANNEL 7 LOWER THRESHOLD REGISTER
(LT7R)
R249 - Read/Write
Register Page: 63
Reset Value: undefined
Bit 7:0 = LT7.[7:0]:
Channel 7 Lower Threshold.
User-defined lower threshold value for Channel 7,
to be compared with the conversion results.
CHANNEL 6 UPPER THRESHOLD REGISTER
(UT6R)
R250 - Read/Write
Register Page: 63
Reset Value: undefined
Bit 7:0 = UT6.[7:0]:
Channel 6 Upper Threshold
value.
User-defined upper threshold value for Channel 6,
to be compared with the conversion results.
CHANNEL 7 UPPER THRESHOLD REGISTER
(UT7R)
R251 - Read/Write
Register Page: 63
Reset Value: undefined
Bit 7:0 = UT7.[7:0]:
Channel 7 Upper Threshold
value
User-defined upper threshold value for Channel 7,
to be compared with the conversion results.
COMPARE RESULT REGISTER (CRR)
R252 - Read/Write
Register Page: 63
Reset Value: 0000 1111 (0Fh)
These bits are set by hardware and cleared by
software.
Bit 7 = C7U:
Compare Reg 7 Upper threshold
0: Threshold not reached
1: Channel 7 converted data is greater than or
equal to UT7R threshold register value.
Bit 6 = C6U:
Compare Reg 6Upper threshold
0: Threshold not reached
1: Channel 6 converted data is greater than or
equal to UT6R threshold register value.
Bit 5 = C7L:
Compare Reg 7 Lower threshold
0: Threshold not reached
1: Channel 7 converted data is less than the LT7R
threshold register value.
Bit 4 = C6L:
Compare Reg 6 Lower threshold
0: Threshold not reached
1: Channel 6 converted data is less than the LT6R
threshold register value.
Bit 3:0 = Reserved, returns “1” when read.
Note: Any software reset request generated by
writing to the AD_ICR, will also cause all the com-
pare status bits to be cleared.
70
LT6.7 LT6.6 LT6.5 LT6.4 LT6.3 LT6.2 LT6.1 LT6.0
70
LT7.7 LT7.6 LT7.5 LT7.4 LT7.3 LT7.2 LT7.1 LT7.0
70
UT6.
7
UT6.
6
UT6.
5
UT6.
4
UT6.
3
UT6.
2
UT6.
1
UT6.
0
70
UT7.
7
UT7.
6
UT7.
5
UT7.
4
UT7.
3
UT7.
2
UT7.
1
UT7.
0
70
C7U
C6U
C7L
C6L
1
1
1
1
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com