Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92F120JR9T Datasheet(PDF) 291 Page - STMicroelectronics

Part # ST92F120JR9T
Description  8/16-BIT FLASH MCU FAMILY WITH RAM, EEPROM AND J1850 BLPD
PDF  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92F120JR9T Datasheet(HTML) 291 Page - STMicroelectronics

Back Button ST92F120JR9T Datasheet HTML 287Page - STMicroelectronics ST92F120JR9T Datasheet HTML 288Page - STMicroelectronics ST92F120JR9T Datasheet HTML 289Page - STMicroelectronics ST92F120JR9T Datasheet HTML 290Page - STMicroelectronics ST92F120JR9T Datasheet HTML 291Page - STMicroelectronics ST92F120JR9T Datasheet HTML 292Page - STMicroelectronics ST92F120JR9T Datasheet HTML 293Page - STMicroelectronics ST92F120JR9T Datasheet HTML 294Page - STMicroelectronics ST92F120JR9T Datasheet HTML 295Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 291 / 320 page
background image
291/320
EIGHT-CHANNEL ANALOG TO DIGITAL CONVERTER (A/D)
ANALOG TO DIGITAL CONVERTER (Cont’d)
INTERRUPT CONTROL REGISTER (AD_ICR)
R254 - Read/Write
Register Page: 63
Reset Value: 0000 1111 (0Fh)
Bit 7 = ECV:
End of Conversion.
This bit is set by hardware after a group of conver-
sions is completed. It must be reset by the user,
before returning from the Interrupt Service Rou-
tine. Setting this bit by software will cause a soft-
ware interrupt request to be generated.
0: No End of Conversion event occurred
1: An End of Conversion event occurred
Bit 6 = AWD:
Analog Watchdog.
This is automatically set by hardware whenever ei-
ther of the two monitored analog inputs goes out of
bounds. The threshold values are stored in regis-
ters F8h and FAh for channel 6, and in registers
F9h and FBh for channel 7 respectively. The Com-
pare Result Register (CRR) keeps track of the an-
alog inputs exceeding the thresholds.
The AWD bit must be reset by the user, before re-
turning from the Interrupt Service Routine. Setting
this bit by software will cause a software interrupt
request to be generated.
0: No Analog Watchdog event occurred
1: An Analog Watchdog event occurred
Bit 5 = ECI:
End of Conversion Interrupt Enable.
This bit masks the End of Conversion interrupt re-
quest.
0: Mask End of Conversion interrupts
1: Enable End of Conversion interrupts
Bit 4 = AWDI:
Analog Watchdog Interrupt Enable.
This bit masks or enables the Analog Watchdog
interrupt request.
0: Mask Analog Watchdog interrupts
1: Enable Analog Watchdog interrupts
Bit 3 = Reserved.
Bit 2:0 = PL[2:0]:
A/D Interrupt Priority Level.
These three bits allow selection of the Interrupt pri-
ority level for the A/D.
INTERRUPT VECTOR REGISTER (AD_IVR)
R255 - Read/Write
Register Page: 63
Reset Value: xxxx xx10 (x2h)
Bit 7:2 = V[7:2]:
A/D Interrupt Vector.
This vector should be programmed by the User to
point to the first memory location in the Interrupt
Vector table containing the starting addresses of
the A/D interrupt service routines.
Bit 1 = W1:
Word Select.
This bit is set and cleared by hardware, according
to the A/D interrupt source.
0: Interrupt source is the Analog Watchdog, point-
ing to the lower word of the A/D interrupt service
block (defined by V[7:2]).
1:Interrupt source is the End of Conversion inter-
rupt, thus pointing to the upper word.
Note: When two requests occur simultaneously,
the Analog Watchdog Request has priority over
the End of Conversion request, which is held
pending.
Bit 0 = Reserved. Forced by hardware to 0.
70
ECV
AWD
ECI
AWDI
X
PL2
PL1
PL0
70
V7
V6
V5
V4
V3
V2
W1
0
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com