Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92F120JR9T Datasheet(PDF) 295 Page - STMicroelectronics

Part # ST92F120JR9T
Description  8/16-BIT FLASH MCU FAMILY WITH RAM, EEPROM AND J1850 BLPD
PDF  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92F120JR9T Datasheet(HTML) 295 Page - STMicroelectronics

Back Button ST92F120JR9T Datasheet HTML 291Page - STMicroelectronics ST92F120JR9T Datasheet HTML 292Page - STMicroelectronics ST92F120JR9T Datasheet HTML 293Page - STMicroelectronics ST92F120JR9T Datasheet HTML 294Page - STMicroelectronics ST92F120JR9T Datasheet HTML 295Page - STMicroelectronics ST92F120JR9T Datasheet HTML 296Page - STMicroelectronics ST92F120JR9T Datasheet HTML 297Page - STMicroelectronics ST92F120JR9T Datasheet HTML 298Page - STMicroelectronics ST92F120JR9T Datasheet HTML 299Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 295 / 320 page
background image
295/320
ST92F120 - ELECTRICAL CHARACTERISTICS
AC ELECTRICAL CHARACTERISTICS
(VDD =5V ± 10%, TA = –40°C to +105°C, unless otherwise specified)
Note:
All I/O Ports are configured in bidirectional weak pull-up mode with no DC load, external clock pin (OSCIN) is driven by square wave external
clock.
(1) Unless otherwise stated, typical data are based on TA=25°C and VDD= 5V. They are only reported for design guide lines not tested in
production.
(2) CPU running with memory access, all peripherals switched off.
(3) FLASH/EEPROM in Power-Down Mode.
(4) Measured in HALT Mode, forcing a slow ramp voltage on one I/O pin, configured in input.
Symbol
Parameter
INTCLK
Typ (1)
Max
Unit
IDDRUN
Run Mode Current (2)
24 MHz
45
60
2.5
mA
mA/MHz
IDDWFI
WFI Mode Current
24 MHz
14
22
0.9
mA
mA/MHz
IDDLPWFI
Low Power WFI Mode Current (3)
4MHz / 32
400
600
µA
IDDHALT
HALT Mode Current
-
10
µA
IDDTR
Input Transient IDD Current
(4)
-
500
µA
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com