Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92F120JR9T Datasheet(PDF) 298 Page - STMicroelectronics

Part # ST92F120JR9T
Description  8/16-BIT FLASH MCU FAMILY WITH RAM, EEPROM AND J1850 BLPD
PDF  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92F120JR9T Datasheet(HTML) 298 Page - STMicroelectronics

Back Button ST92F120JR9T Datasheet HTML 294Page - STMicroelectronics ST92F120JR9T Datasheet HTML 295Page - STMicroelectronics ST92F120JR9T Datasheet HTML 296Page - STMicroelectronics ST92F120JR9T Datasheet HTML 297Page - STMicroelectronics ST92F120JR9T Datasheet HTML 298Page - STMicroelectronics ST92F120JR9T Datasheet HTML 299Page - STMicroelectronics ST92F120JR9T Datasheet HTML 300Page - STMicroelectronics ST92F120JR9T Datasheet HTML 301Page - STMicroelectronics ST92F120JR9T Datasheet HTML 302Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 298 / 320 page
background image
298/320
ST92F120 - ELECTRICAL CHARACTERISTICS
WAKE-UP MANAGEMENT TIMING TABLE
(VDD =5V ± 10%, TA = –40°C to +105°C, CLoad = 50pF, fINTCLK = 24MHz, , unless otherwise specified)
Note: The value in the left hand column shows the formula used to calculate the timing minimum or maximum from the oscillator clock period.
The value in the right hand two columns show the timing minimum and maximum for an internal clock at 24MHz (INTCLK).
The given data are related to Wake-up Management Unit used in External Interrupt mode.
Measurement points are VIH for positive pulses and VIL for negative pulses.
(1) Formula guaranteed by design.
Legend:
Tck = INTCLK period = OSCIN period when OSCIN is not divided by 2;
2 x OSCIN period when OSCIN is divided by 2;
OSCIN period x PLL factor when the PLL is enabled.
WAKE-UP MANAGEMENT TIMING
N
°
Symbol
Parameter
Value
Unit
Formula(1)
Min
1
TwWKPLR
Low Level Minimum Pulse Width in Rising Edge
Mode
≥Tck+10
≥ 50
ns
2
TwWKPHR
High Level Minimum Pulse Width in Rising Edge
Mode
≥Tck+10
≥ 50
ns
3
TwWKPHF
High Level Minimum Pulse Width in Falling Edge
Mode
≥Tck+10
50
ns
4
TwWKPLF
Low Level Minimum Pulse Width in Falling Edge
Mode
≥Tck+10
50
ns
WKU Pn
n=0
–15
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com