Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92F120JR9T Datasheet(PDF) 294 Page - STMicroelectronics

Part # ST92F120JR9T
Description  8/16-BIT FLASH MCU FAMILY WITH RAM, EEPROM AND J1850 BLPD
PDF  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92F120JR9T Datasheet(HTML) 294 Page - STMicroelectronics

Back Button ST92F120JR9T Datasheet HTML 290Page - STMicroelectronics ST92F120JR9T Datasheet HTML 291Page - STMicroelectronics ST92F120JR9T Datasheet HTML 292Page - STMicroelectronics ST92F120JR9T Datasheet HTML 293Page - STMicroelectronics ST92F120JR9T Datasheet HTML 294Page - STMicroelectronics ST92F120JR9T Datasheet HTML 295Page - STMicroelectronics ST92F120JR9T Datasheet HTML 296Page - STMicroelectronics ST92F120JR9T Datasheet HTML 297Page - STMicroelectronics ST92F120JR9T Datasheet HTML 298Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 294 / 320 page
background image
294/320
ST92F120 - ELECTRICAL CHARACTERISTICS
Note:
(1) Unless otherwise stated, typical data are based on TA=25°C and VDD= 5V. They are only reported for design guide lines not tested in
production. Hysteresis voltage between switching levels: characterization results - not tested.
(2) Hysteresis voltage between switching levels: characterization results - not tested.
(3) For a description of the EMR1 Register - BSZ bit refer to the External Memory Interface Chapter.
(4) Not 100% tested, guaranteed by design characterisation. The absolute sum of input overload currents on all port pins may not exceed
100 mA.
(5) Indicative values extracted from Design simulation.
VOH
Output High Level
P0[7:0]-P6[5:4]
AS-DS-RW
Push Pull, IOH= – 2mA
EMR1 Register - BSZ bit = 0 (3)
VDD – 0.8
V
Push Pull, IOH= – 8mA
EMR1 Register - BSZ bit = 1 (3)
VDD – 0.8
V
Output High Level
P1[7:0]-P2[7:4]-P2[1:0]
P3[7:1]-P4[5:0]-P5[7:0]
P6[3:0]-P7[7:0]-P8[7:0]
P9[7:0]-VPWO
Push Pull, IOH= – 2mA
EMR1 Register - BSZ bit = 0 (3)
VDD – 0.8
V
Push Pull, IOH= – 4mA
EMR1 Register - BSZ bit = 1 (3)
VDD – 0.8
V
VOL
Output Low Level
P0[7:0]-P2[3:2]-P4[7:6]
P6[5:4]-AS-DS-RW
Push Pull / Open Drain, IOL=2mA
EMR1 Register - BSZ bit = 0 (3)
0.4
V
Push Pull / Open Drain, IOL=8mA,
EMR1 Register - BSZ bit = 1 (3)
0.4
V
Output Low Level
P1[7:0]-P2[7:4]-P2[1:0]
P3[7:1]-P4[5:0]-P5[7:0]
P6[3:0]-P7[7:0]-P8[7:0]
P9[7:0]-VPWO
Push Pull / Open Drain, IOL=2mA,
EMR1 Register - BSZ bit = 0 (3)
0.4
V
Push Pull / Open Drain, IOL=4mA,
EMR1 Register - BSZ bit = 1 (3)
0.4
V
RWPU
Weak Pull-up Current
P2[7:4]-P2[1:0]-P3[7:1]
P4.5-P4[3:1]-P5.3-P6[3:0]
P7[7:0] P8[7:0]-P9[7:0]
Bidirectional Weak Pull-up
VOL =0V
30
100
400
µA
Weak Pull-up Current
P6[5:4]-AS-DS
Bidirectional Weak Pull-up
VOL =0V
100
200
450
µA
ILKIO
I/O Pin Input Leakage
Input/Tri-State,
0V < VIN <VDD
–1
+ 1
µA
ILKIOD
I/O Pin Open Drain Input
Leakage
Input/Tri-State,
0V < VIN <VDD
–1
+ 1
µA
ILKA/D
A/D Conv. Input Leakage
– 1
+ 1
µA
IOV
Overload Current
(4)
5mA
SRR
Slew Rate Rise
(5)
70
mA/ns
SRF
Slew Rate Fall
(5)
70
mA/ns
Symbol
Parameter
Comment
Value
Unit
Min
Typ(1)
Max
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com