Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92F120JR9T Datasheet(PDF) 290 Page - STMicroelectronics

Part # ST92F120JR9T
Description  8/16-BIT FLASH MCU FAMILY WITH RAM, EEPROM AND J1850 BLPD
PDF  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92F120JR9T Datasheet(HTML) 290 Page - STMicroelectronics

Back Button ST92F120JR9T Datasheet HTML 286Page - STMicroelectronics ST92F120JR9T Datasheet HTML 287Page - STMicroelectronics ST92F120JR9T Datasheet HTML 288Page - STMicroelectronics ST92F120JR9T Datasheet HTML 289Page - STMicroelectronics ST92F120JR9T Datasheet HTML 290Page - STMicroelectronics ST92F120JR9T Datasheet HTML 291Page - STMicroelectronics ST92F120JR9T Datasheet HTML 292Page - STMicroelectronics ST92F120JR9T Datasheet HTML 293Page - STMicroelectronics ST92F120JR9T Datasheet HTML 294Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 290 / 320 page
background image
290/320
EIGHT-CHANNEL ANALOG TO DIGITAL CONVERTER (A/D)
ANALOG TO DIGITAL CONVERTER (Cont’d)
CONTROL LOGIC REGISTER (CLR)
The Control Logic Register (CLR) manages the
A/D converter logic. Writing to this register will
cause the current conversion to be aborted and
the autoscan logic to be re-initialized.
CONTROL LOGIC REGISTER (CLR)
R253 - Read/Write
Register Page: 63
Reset Value: 0000 0000 (00h)
Bit 7:5 = SC[2:0]:
Start Conversion Address.
These 3 bits define the starting analog input chan-
nel (Autoscan mode). The first channel addressed
by SC[2:0] is converted, then the channel number
is incremented for the successive conversion, until
channel 7 (111) is converted. When SC2, SC1 and
SC0 are all set, only channel 7 will be converted.
Bit 4 = EXTG:
External Trigger Enable.
This bit is set and cleared by software.
0: External trigger disabled.
1: External trigger enabled. Allows a conversion
sequence to be started on the subsequent edge
of the external signal applied to the EXTRG pin
(when enabled as an Alternate Function).
Bit 3 = INTG:
Internal Trigger Enable.
This bit is set and cleared by software.
0: Internal trigger disabled.
1: Internal trigger enabled. Allows a conversion se-
quence to be started, synchronized by an inter-
nal signal (On-chip Event signal) from a Multi-
function Timer peripheral.
Both External and Internal Trigger inputs are inter-
nally ORed, thus avoiding Hardware conflicts;
however, the correct procedure is to enable only
one alternate synchronization input at a time.
Note: The effect of either synchronization mode is
to set the START/STOP bit, which is reset by hard-
ware when in SINGLE mode, at the end of each
sequence of conversions.
Requirements: The External Synchronisation In-
put must receive a low level pulse longer than an
INTCLK period and, for both External and On-Chip
Event synchronisation, the repetition period must
be greater than the time required for the selected
sequence of conversions.
Bit 2 = POW:
Power Up/Power Down.
This bit is set and cleared by software.
0: Power down mode: all power-consuming logic is
disabled, thus selecting a low power idle mode.
1: Power up mode: the A/D converter logic and an-
alog circuitry is enabled.
Bit 1 = CONT:
Continuous/Single.
0: Single Mode: a single sequence of conversions
is initiated whenever an external (or internal)
trigger occurs, or when the ST bit is set by soft-
ware.
1: Continuous Mode: the first sequence of conver-
sions is started, either by software (by setting
the ST bit), or by hardware (on an internal or ex-
ternal trigger, depending on the setting of the
INTG and EXTG bits); a continuous conversion
sequence is then initiated.
Bit 0 = ST:
Start/Stop.
0: Stop conversion. When the A/D converter is
running in Single Mode, this bit is hardware re-
set at the end of a sequence of conversions.
1: Start a sequence of conversions.
70
SC2
SC1
SC0
EXT
G
INTG POW
CON
T
ST
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com