Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C51RC2-3CSIM Datasheet(PDF) 107 Page - ATMEL Corporation

Part # AT89C51RC2-3CSIM
Description  Microcontroller with 16K/32K Bytes Flash
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51RC2-3CSIM Datasheet(HTML) 107 Page - ATMEL Corporation

Back Button AT89C51RC2-3CSIM Datasheet HTML 103Page - ATMEL Corporation AT89C51RC2-3CSIM Datasheet HTML 104Page - ATMEL Corporation AT89C51RC2-3CSIM Datasheet HTML 105Page - ATMEL Corporation AT89C51RC2-3CSIM Datasheet HTML 106Page - ATMEL Corporation AT89C51RC2-3CSIM Datasheet HTML 107Page - ATMEL Corporation AT89C51RC2-3CSIM Datasheet HTML 108Page - ATMEL Corporation AT89C51RC2-3CSIM Datasheet HTML 109Page - ATMEL Corporation AT89C51RC2-3CSIM Datasheet HTML 110Page - ATMEL Corporation AT89C51RC2-3CSIM Datasheet HTML 111Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 127 page
background image
107
AT89C51RB2/RC2
4180C–8051–12/03
E
lectrical Characteristics
Absolute Maximum Ratings
DC Parameters for
Standard Voltage
C = commercial......................................................0
°C to 70°C
I = industrial ........................................................-40
°C to 85°C
Storage Temperature .................................... -65
°C to + 150°C
Voltage on VCC to VSS (standard voltage) .........-0.5V to + 6.5V
Voltage on VCC to VSS (low voltage)..................-0.5V to + 4.5V
Voltage on Any Pin to VSS..........................-0.5V to VCC + 0.5V
Power Dissipation .............................................................. 1 W
Note:
Stresses at or above those listed under “Absolute
Maximum Ratings” may cause permanent damage
to the device. This is a stress rating only and func-
tional operation of the device at these or any other
conditions above those indicated in the operational
sections of this specification is not implied. Expo-
sure to absolute maximum rating conditions may
affect device reliability.
Power dissipation value is based on the maximum
allowable die temperature and the thermal resis-
tance of the package.
TA = -40°C to +85°C; VSS = 0V;
VCC =2.7V to 5.5V and F = 0 to 40 MHz (both internal and external code execution)
VCC =4.5V to 5.5V and F = 0 to 60 MHz (internal code execution only)
Symbol
Parameter
Min
Typ
Max
Unit
Test Conditions
VIL
Input Low Voltage
-0.5
0.2 VCC - 0.1
V
VIH
Input High Voltage except RST, XTAL1
0.2 VCC + 0.9
VCC + 0.5
V
VIH1
(9)
Input High Voltage RST, XTAL1
0.7 VCC
VCC + 0.5
V
VOL
Output Low Voltage, ports 1, 2, 3, 4
(6)
0.3
0.45
1.0
V
V
V
VCC = 4.5V to 5.5V
IOL = 100 µA
(4)
IOL = 1.6 mA
(4)
IOL = 3.5 mA
(4)
0.45
V
VCC = 2.7V to 5.5V
IOL = 0.8 mA
(4)
VOL1
Output Low Voltage, port 0, ALE, PSEN
(6)
0.3
0.45
1.0
V
V
V
VCC = 4.5V to 5.5V
IOL = 200 µA
(4)
IOL = 3.2 mA
(4)
IOL = 7.0 mA
(4)
0.45
V
VCC = 2.7V to 5.5V
IOL = 1.6 mA
(4)
VOH
Output High Voltage, ports 1, 2, 3, 4
VCC - 0.3
VCC - 0.7
VCC - 1.5
V
V
V
VCC = 5V ± 10%
IOH = -10 µA
IOH = -30 µA
IOH = -60 µA
0.9 VCC
V
VCC = 2.7V to 5.5V
IOH = -10 µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com